Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA227PA Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA227PA
Description  High Precision, Low Noise Operational Amplifiers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA227PA Datasheet(HTML) 1 Page - Texas Instruments

  OPA227PA Datasheet HTML 1Page - Texas Instruments OPA227PA Datasheet HTML 2Page - Texas Instruments OPA227PA Datasheet HTML 3Page - Texas Instruments OPA227PA Datasheet HTML 4Page - Texas Instruments OPA227PA Datasheet HTML 5Page - Texas Instruments OPA227PA Datasheet HTML 6Page - Texas Instruments OPA227PA Datasheet HTML 7Page - Texas Instruments OPA227PA Datasheet HTML 8Page - Texas Instruments OPA227PA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
0.1
10
1
100
1k
10k
100k
10k
1k
100
10
1
Frequency (Hz)
INPUT VOLTAGE AND CURRENT NOISE
SPECTRAL DENSITY vs FREQUENCY
Current Noise
Voltage Noise
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
OPA227, OPA2227, OPA4227
OPA228, OPA2228, OPA4228
SBOS110B – MAY 1998 – REVISED JUNE 2015
OPAx22x High Precision, Low Noise Operational Amplifiers
1 Features
3 Description
The OPAx22x series operational amplifiers combine
1
Low Noise: 3nV/
√Hz
low noise and wide bandwidth with high precision to
Wide Bandwidth:
make them the ideal choice for applications requiring
OPA227: 8 MHz, 2.3 V/
μs
both AC and precision DC performance.
OPA228: 33 MHz, 10 V/
μs
The OPAx227 is unity-gain stable and features high
Settling Time: 5
μs
slew rate (2.3V/µs) and wide bandwidth (8MHz). The
OPAx228 is optimized for closed-loop gains of 5 or
(Significant Improvement Over OP-27)
greater, and offers higher speed with a slew rate of
High CMRR: 138 dB
10V/µs and a bandwidth of 33MHz.
High Open-loop Gain: 160 dB
The OPAx227 and OPAx228 series operational
Low Input Bias Current: 10 nA Maximum
amplifiers are ideal for professional audio equipment.
Low Offset Voltage: 75 µV Maximum
In addition, low quiescent current and low cost make
them ideal for portable applications requiring high
Wide Supply Range: ±2.5 V to ±18 V
precision.
OPA227 Replaces OP-27, LT1007, MAX427
The OPAx227 and OPAx228 series operational
OPA228 Replaces OP-37, LT1037, MAX437
amplifiers
are
pin-for-pin
replacements
for
the
Single, Dual, and Quad Versions
industry standard OP-27 and OP-37 with substantial
improvements across the board. The dual and quad
2 Applications
versions are available for space savings and per
channel cost reduction.
Data Acquisition
Telecom Equipment
The OPAx227, OPAx228, are available in DIP-8 and
SO-8 packages. The OPA4227 and OPA4228 are
Geophysical Analysis
available in DIP-14 and SO-14 packages with
Vibration Analysis
standard pin configurations. Operation is specified
Spectral Analysis
from –40°C to 85°C.
Professional Audio Equipment
Device Information(1)
Active Filters
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Power Supply Controls
PDIP (8)
9.81 mm × 6.35 mm
OPA227
OPA228
Input Referred Noise
SOIC (8)
4.90 mm × 3.91 mm
PDIP (8)
9.81 mm × 6.35 mm
OPA2227
OPA2228
SOIC (8)
4.90 mm × 3.91 mm
PDIP (14)
19.30 mm × 6.35 mm
OPA4227
OPA4228
SOIC (14)
8.65 mm × 3.91 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA227PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA227PA BURR-BROWN-OPA227PA Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
OPA227PAG4 BURR-BROWN-OPA227PAG4 Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA227PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA227 BURR-BROWN-OPA227 Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA227 TI-OPA227_07 Datasheet
838Kb / 27P
[Old version datasheet]   High Precision, Low Noise OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LH0044 NSC-LH0044 Datasheet
220Kb / 8P
   PRECISION LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP27A TI-OP27A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP27GU TI-OP27GU Datasheet
314Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
LT1007 TI-LT1007 Datasheet
306Kb / 24P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1007 LINER-LT1007_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
LT1037 LINER-LT1037_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
logo
Texas Instruments
OP27A TI1-OP27A_14 Datasheet
327Kb / 23P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com