Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1688IDR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1688IDR
Description  SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA1688IDR Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA1688IDR Datasheet HTML 6Page - Texas Instruments OPA1688IDR Datasheet HTML 7Page - Texas Instruments OPA1688IDR Datasheet HTML 8Page - Texas Instruments OPA1688IDR Datasheet HTML 9Page - Texas Instruments OPA1688IDR Datasheet HTML 10Page - Texas Instruments OPA1688IDR Datasheet HTML 11Page - Texas Instruments OPA1688IDR Datasheet HTML 12Page - Texas Instruments OPA1688IDR Datasheet HTML 13Page - Texas Instruments OPA1688IDR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
-50
-40
-30
-20
-10
0
10
20
14
15
16
17
18
V
CM (V)
C001
±500
±400
±300
±200
±100
0
100
200
300
400
500
0
2
4
6
8
10
12
14
16
18
V
SUPPLY (V)
C001
V
s = ± 2.25 V
±225
±150
±75
0
75
150
225
±20
±15
±10
±5
0
5
10
15
20
V
CM (V)
C001
V
CM = -18.1 V
V
CM = 16 V
±250
±200
±150
±100
±50
0
50
100
150
200
250
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
0
5
10
15
20
25
Offset Voltage (mV)
C013
0
5
10
15
20
25
Offset Voltage Drift (µV/
ƒC)
C013
OPA1688, OPA1689
SBOS724 – SEPTEMBER 2015
www.ti.com
8.8 Typical Characteristics
VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF, unless otherwise noted.
Distribution taken from 5185 amplifiers
Distribution taken from 47 amplifiers,
temperature = –40°C to 125°C
Figure 2. Offset Voltage Drift Production Distribution
Figure 1. Offset Voltage Production Distribution
5 typical units shown, VS = ±18 V
5 typical units shown, VS = ±18 V
Figure 3. Offset Voltage vs Temperature
Figure 4. Offset Voltage vs Common-Mode Voltage
(VS = ±18 V)
(VS = ±18 V)
5 typical units shown, VS = ±2.25 V to ±18 V
5 typical units shown, VS = ±18 V
Figure 6. Offset Voltage vs Power Supply
Figure 5. Offset Voltage vs Common-Mode Voltage
(Upper Stage)
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: OPA1688 OPA1689


Similar Part No. - OPA1688IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1688 TI-OPA1688 Datasheet
2Mb / 38P
[Old version datasheet]   OPA168x SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA1688 TI-OPA1688_15 Datasheet
2Mb / 40P
[Old version datasheet]   SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
More results

Similar Description - OPA1688IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1688 TI-OPA1688_15 Datasheet
2Mb / 40P
[Old version datasheet]   SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA1688 TI-OPA1688 Datasheet
2Mb / 38P
[Old version datasheet]   OPA168x SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172IDR TI1-OPA172IDR Datasheet
2Mb / 29P
[Old version datasheet]   36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
OPA172 TI1-OPA172 Datasheet
3Mb / 50P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
INA212-Q1 TI1-INA212-Q1 Datasheet
2Mb / 29P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172 TI-OPA172_15 Datasheet
3Mb / 50P
[Old version datasheet]   OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA2172 TI-OPA2172 Datasheet
3Mb / 42P
[Old version datasheet]   OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA4172 TI-OPA4172 Datasheet
3Mb / 42P
[Old version datasheet]   OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172-Q1 TI1-OPA172-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Automotive Grade Operational Amplifiers
OPA343 TI1-OPA343_14 Datasheet
862Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com