Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2211MDRGTEP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2211MDRGTEP
Description  Noise, Low-Power, Precision Operational Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2211MDRGTEP Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA2211MDRGTEP Datasheet HTML 2Page - Texas Instruments OPA2211MDRGTEP Datasheet HTML 3Page - Texas Instruments OPA2211MDRGTEP Datasheet HTML 4Page - Texas Instruments OPA2211MDRGTEP Datasheet HTML 5Page - Texas Instruments OPA2211MDRGTEP Datasheet HTML 6Page - Texas Instruments OPA2211MDRGTEP Datasheet HTML 7Page - Texas Instruments OPA2211MDRGTEP Datasheet HTML 8Page - Texas Instruments OPA2211MDRGTEP Datasheet HTML 9Page - Texas Instruments OPA2211MDRGTEP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
OPA2211-EP
SBOS761 – NOVEMBER 2015
www.ti.com
Electrical Characteristics: VS = ±2.25 to ±18 V (continued)
at TJ = 25°C, RL = 10 kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
RL = 10 kΩ, AOL ≥ 114 dB, TJ = –55°C to
(V–) + 0.2
(V+) – 0.2
V
125°C
Voltage output
VOUT
RL = 600 Ω, AOL ≥ 110 dB
(V–) + 0.6
(V+) – 0.6
V
IO < 15 mA, AOL ≥ 100 dB, TJ = –55°C to
(V–) + 0.6
(V+) – 0.6
V
125°C
Short-circuit current
ISC
+30/–45
mA
Capacitive load drive
CLOAD
See Typical Characteristics
pF
Open-loop output impedance
ZO
ƒ = 1MHz
5
POWER SUPPLY
Specified voltage
VS
±2.25
±18
V
Quiescent current (per channel)
IQ
IOUT = 0 A
3.6
4.5
mA
Over temperature
TJ = –55°C to 125°C
6
mA
TEMPERATURE RANGE
Operating range
TJ
–55
125
°C
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: OPA2211-EP


Similar Part No. - OPA2211MDRGTEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2211MDRGTEP TI1-OPA2211MDRGTEP Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power, Precision Operational Amplifier
More results

Similar Description - OPA2211MDRGTEP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP-27 AD-OP-27 Datasheet
703Kb / 12P
   LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
OP27 AD-OP27 Datasheet
370Kb / 16P
   Low-Noise, Precision Operational Amplifier
REV. A
OP27GJ8 AD-OP27GJ8 Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP27 AD-OP27_15 Datasheet
449Kb / 20P
   Low Noise, Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA111 BURR-BROWN-OPA111 Datasheet
137Kb / 12P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA124 BURR-BROWN-OPA124 Datasheet
137Kb / 8P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA211-EP TI-OPA211-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   1.1nV/?숰z NOISE, LOW POWER, PRECISION OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com