Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2211MDRGTEP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2211MDRGTEP
Description  Noise, Low-Power, Precision Operational Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2211MDRGTEP Datasheet(HTML) 1 Page - Texas Instruments

  OPA2211MDRGTEP Datasheet HTML 1Page - Texas Instruments OPA2211MDRGTEP Datasheet HTML 2Page - Texas Instruments OPA2211MDRGTEP Datasheet HTML 3Page - Texas Instruments OPA2211MDRGTEP Datasheet HTML 4Page - Texas Instruments OPA2211MDRGTEP Datasheet HTML 5Page - Texas Instruments OPA2211MDRGTEP Datasheet HTML 6Page - Texas Instruments OPA2211MDRGTEP Datasheet HTML 7Page - Texas Instruments OPA2211MDRGTEP Datasheet HTML 8Page - Texas Instruments OPA2211MDRGTEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
0.1
100
1
Frequency (Hz)
100k
10
1
10
100
1k
10k
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
OPA2211-EP
SBOS761 – NOVEMBER 2015
OPA2211-EP 1.1-nV/
√Hz Noise, Low-Power, Precision Operational Amplifier
1 Features
3 Description
The OPA2211-EP series of precision operational
1
Low Voltage Noise: 1.1 nV/
√Hz at 1 kHz
amplifiers achieves very-low 1.1-nV/
√Hz noise density
Input Voltage Noise: 80 nVPP (0.1 to 10 Hz)
with a supply current of only 3.6 mA. This series also
THD+N: –136 dB (G = 1, ƒ = 1 kHz)
offers rail-to-rail output swing, which maximizes
dynamic range.
Offset Voltage: 180
μV (Max)
Offset Voltage Drift: 0.35
μV/°C (Typ)
The extremely low voltage and low current noise,
high speed, and wide output swing of the OPA2211-
Low Supply Current: 3.6 mA/Ch (Typ)
EP series make these devices an excellent choice as
Unity-Gain Stable
a loop filter amplifier in PLL applications.
Gain Bandwidth Product:
In
precision
data
acquisition
applications,
the
80 MHz (G = 100)
OPA2211-EP
series
of
operational
amplifiers
45 MHz (G = 1)
provides 700-ns settling time to 16-bit accuracy
Slew Rate: 27 V/
μs
throughout 10-V output swings. This AC performance,
16-Bit Settling: 700 ns
combined with only 125
μV of offset and 0.35 μV/°C
of drift over temperature, makes the OPA2211-EP
Wide Supply Range:
ideal for driving high-precision 16-bit analog-to-digital
±2.25 V to ±18 V, +4.5 V to +36 V
converters (ADCs) or buffering the output of high-
Rail-to-Rail Output
resolution digital-to-analog converters (DACs).
Output Current: 30 mA
The OPA2211-EP is specified over a wide dual-power
Supports Defense, Aerospace, and Medical
supply range of ±2.25 V to ±18 V, or for single-supply
Applications
operation from 4.5 to 36 V.
Controlled Baseline
The OPA2211-EP is available in a small DFN-8 (3-
One Assembly and Test Site
mm × 3-mm) package. These operational amplifiers
are specified from TJ = –55°C to 125°C.
One Fabrication Site
Available in Military (–55°C to 125°C)
Device Information(1)
Temperature Range (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Extended Product Life Cycle
OPA2211-EP
WSON (8)
3.00 mm × 3.00 mm
Extended Product-Change Notification
(1) For all available packages, see the orderable addendum at
Product Traceability
the end of the data sheet.
Voltage Noise Density vs Frequency
2 Applications
PLL Loop Filter
Low-Noise, Low-Power Signal Processing
16-Bit ADC Drivers
DAC Output Amplifiers
Active Filters
Low-Noise Instrumentation Amplifiers
Ultrasound Amplifiers
Professional Audio Preamplifiers
Low-Noise Frequency Synthesizers
Infrared Detector Amplifiers
Hydrophone Amplifiers
Geophone Amplifiers
Medical
(1)
Additional temperature ranges available - contact factory
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA2211MDRGTEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2211MDRGTEP TI1-OPA2211MDRGTEP Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power, Precision Operational Amplifier
More results

Similar Description - OPA2211MDRGTEP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP-27 AD-OP-27 Datasheet
703Kb / 12P
   LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
OP27 AD-OP27 Datasheet
370Kb / 16P
   Low-Noise, Precision Operational Amplifier
REV. A
OP27GJ8 AD-OP27GJ8 Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP27 AD-OP27_15 Datasheet
449Kb / 20P
   Low Noise, Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA111 BURR-BROWN-OPA111 Datasheet
137Kb / 12P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA124 BURR-BROWN-OPA124 Datasheet
137Kb / 8P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA211-EP TI-OPA211-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   1.1nV/?숰z NOISE, LOW POWER, PRECISION OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com