Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4188 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4188
Description  Zero-Drift Operational Amplifiers
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4188 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA4188 Datasheet HTML 3Page - Texas Instruments OPA4188 Datasheet HTML 4Page - Texas Instruments OPA4188 Datasheet HTML 5Page - Texas Instruments OPA4188 Datasheet HTML 6Page - Texas Instruments OPA4188 Datasheet HTML 7Page - Texas Instruments OPA4188 Datasheet HTML 8Page - Texas Instruments OPA4188 Datasheet HTML 9Page - Texas Instruments OPA4188 Datasheet HTML 10Page - Texas Instruments OPA4188 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
OPA4188
www.ti.com
SBOS641C – JUNE 2012 – REVISED NOVEMBER 2015
Electrical Characteristics: High-Voltage Operation, VS = ±4 V to ±18 V (VS = 8 V to 36
V) (continued)
At TA = 25°C, RL = 10 kΩ connected to VS / 2, and VCOM = VOUT = VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
No load
6
15
mV
Voltage output swing from rail
RL = 10 kΩ
220
250
mV
RL = 10 kΩ, TA = –40°C to 125°C
310
350
mV
ISC
Short circuit current
±18
mA
RO
Open-loop output resistance
f = 1 MHz, IO = 0
120
Ω
CLOAD
Capacitive load drive
1
nF
POWER SUPPLY
VS
Operating voltage range
4 to 36 (±2 to ±18)
V
VS = ±4 V to VS = ±18 V
415
475
μA
IQ
Quiescent current (per amplifier)
IO = 0 mA, TA = –40°C to 125°C
525
μA
TEMPERATURE RANGE
Specified
–40
125
°C
Temperature range
Operating
–55
150
°C
Storage
–65
150
°C
7.6 Electrical Characteristics: Low-Voltage Operation, VS = ±2 V to < ±4 V (VS = +4 V to < +8 V)
At TA = 25°C, RL = 10 kΩ connected to VS / 2, and VCOM = VOUT = VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
TA = 25°C
6
25
μV
Input offset voltage
dVOS/dT
TA = –40°C to 125°C
0.03
0.085
μV/°C
VS = 4 V to 36 V, VCM = VS / 2
0.075
0.3
μV/V
PSRR
Power-supply rejection ratio
VS = 4 V to 36 V, VCM = VS / 2,
0.3
μV/V
TA = –40°C to 125°C
Long-term stability
4(1)
μV
Channel separation, DC
1
μV/V
INPUT BIAS CURRENT
VCM = VS / 2
±160
±1400
pA
IB
Input bias current
TA = –40°C to 125°C
±8
nA
±320
±2800
pA
IOS
Input offset current
TA = –40°C to 125°C
±6
nA
NOISE
en
Input voltage noise
f = 0.1 Hz to 10 Hz
0.25
μVPP
en
Input voltage noise density
f = 1 kHz
8.8
nV/Hz
in
Input current noise density
f = 1 kHz
7
fA/Hz
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
V–
(V+) – 1.5
V
(V–) < VCM < (V+) – 1.5 V
106
114
dB
(V–) + 0.5 V < VCM < (V+) – 1.5 V,
114
120
dB
CMRR
Common-mode rejection ratio
VS = ±2 V
(V–) + 0.5 V < VCM < (V+) – 1.5 V,
108
120
dB
VS = ±2 V, TA = –40°C to 125°C
INPUT IMPEDANCE
Differential
100 || 6
M
Ω || pF
Input impedance
Common-mode
6 || 9.5
1012
Ω || pF
(1)
1000-hour life test at +125°C demonstrated randomly distributed variation in the range of measurement limits—approximately 4
μV.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: OPA4188


Similar Part No. - OPA4188

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4188 TI1-OPA4188 Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA4188 TI1-OPA4188 Datasheet
1Mb / 26P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output
OPA4188AID TI1-OPA4188AID Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA4188AIDR TI1-OPA4188AIDR Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA4188AIPW TI1-OPA4188AIPW Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4188

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
   Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
   Zero Drift operational amplifiers
AK2920T AKM-AK2920T Datasheet
345Kb / 15P
   Zero Drift operational amplifiers
AK2973 AKM-AK2973 Datasheet
1Mb / 18P
   Zero Drift operational amplifiers
AK2922H AKM-AK2922H Datasheet
193Kb / 5P
   Zero Drift operational amplifiers
AK2910T AKM-AK2910T Datasheet
385Kb / 15P
   Zero Drift operational amplifiers
AK2973H AKM-AK2973H Datasheet
1Mb / 18P
   Zero Drift operational amplifiers
logo
Texas Instruments
TLV333 TI1-TLV333 Datasheet
918Kb / 34P
[Old version datasheet]   CMOS Operational Amplifiers Zero-Drift
logo
Linear Technology
LTC2051 LINER-LTC2051_1 Datasheet
144Kb / 12P
   Dual/Quad Zero-Drift Operational Amplifiers
LTC2052 LINER-LTC2052_15 Datasheet
150Kb / 12P
   Dual/Quad Zero-Drift Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com