Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA552UAG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA552UAG4
Description  High-Voltage, High-Current Operational Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA552UAG4 Datasheet(HTML) 1 Page - Texas Instruments

  OPA552UAG4 Datasheet HTML 1Page - Texas Instruments OPA552UAG4 Datasheet HTML 2Page - Texas Instruments OPA552UAG4 Datasheet HTML 3Page - Texas Instruments OPA552UAG4 Datasheet HTML 4Page - Texas Instruments OPA552UAG4 Datasheet HTML 5Page - Texas Instruments OPA552UAG4 Datasheet HTML 6Page - Texas Instruments OPA552UAG4 Datasheet HTML 7Page - Texas Instruments OPA552UAG4 Datasheet HTML 8Page - Texas Instruments OPA552UAG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
OPA551
±
+
V+
V±IN
V
+
IN
Flag
VO
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
OPA551, OPA552
SBOS100B – JULY 1999 – REVISED JANUARY 2016
OPA55x High-Voltage, High-Current Operational Amplifiers
1 Features
3 Description
The OPA551x devices are low-cost operational
1
Wide Supply Range: ±4 V to ±30 V
amplifiers with high-voltage (60-V) and high-current
High Output Current: 200 mA Continuous
(200-mA) capability.
Low Noise: 14 nV/
√Hz
The OPA551 is unity-gain stable and features high
Fully Protected:
slew rate (15 V/µs) and wide bandwidth (3 MHz). The
Thermal Shutdown
OPA552 is optimized for gains of 5 or greater, and
offers higher speed with a slew rate of 24 V/µs and a
Output Current-Limited
bandwidth of 12 MHz. Both devices are suitable for
Thermal Shutdown Indicator
telephony, audio, servo, and test applications.
Wide Output Swing: 2 V from Rail
These laser-trimmed, monolithic integrated circuits
Fast Slew Rate:
provide excellent low-level accuracy along with high
OPA551: 15 V/µs
output swing. High performance is maintained as the
amplifier swings to its specified limits.
OPA552: 24 V/µs
Wide Bandwidth:
The OPA55x devices are internally protected against
overtemperature conditions and current overloads.
OPA551: 3 MHz
The thermal shutdown indicator flag provides a
OPA552: 12 MHz
current output to alert the user when thermal
Packages: PDIP-8, SOIC-8, or DDPAK/TO-263-7
shutdown has occurred.
The OPA55x devices are available in PDIP-8 and
2 Applications
SOIC-8 packages, as well as a DDPAK-7/TO-263
Telephony
surface-mount plastic power package. They are
specified for operation over the extended industrial
Test Equipment
temperature range, –40°C to +125°C.
Audio Amplifiers
Transducer Excitation
Device Information(1)
Servo Drivers
PART NUMBER
PACKAGE
BODY SIZE (NOM)
PDIP (8)
9.81 mm × 6.35 mm
OPA55x
SOIC (8)
4.9 mm × 3.91 mm
DDPAK/TO-263 (7)
10.1 mm × 8.99 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Functional Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA552UAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA552UAG4 TI-OPA552UAG4 Datasheet
1,019Kb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA552UAG4 TI1-OPA552UAG4 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
More results

Similar Description - OPA552UAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA552FAKTWTG3 TI-OPA552FAKTWTG3 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA551 BURR-BROWN-OPA551 Datasheet
202Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA551FAKTWT TI1-OPA551FAKTWT Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551FAKTWT TI-OPA551FAKTWT Datasheet
1,019Kb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551 TI1-OPA551_16 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
logo
Burr-Brown (TI)
3572AM BURR-BROWN-3572AM Datasheet
489Kb / 6P
   High Current - High Power OPERATIONAL AMPLIFIERS
logo
Texas Instruments
3580 TI1-3580 Datasheet
2Mb / 6P
[Old version datasheet]   High Voltage OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com