Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2462AQDRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2462AQDRQ1
Description  Low-Power Rail-to-Rail Input/Output Operational Amplifiers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2462AQDRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TLV2462AQDRQ1 Datasheet HTML 1Page - Texas Instruments TLV2462AQDRQ1 Datasheet HTML 2Page - Texas Instruments TLV2462AQDRQ1 Datasheet HTML 3Page - Texas Instruments TLV2462AQDRQ1 Datasheet HTML 4Page - Texas Instruments TLV2462AQDRQ1 Datasheet HTML 5Page - Texas Instruments TLV2462AQDRQ1 Datasheet HTML 6Page - Texas Instruments TLV2462AQDRQ1 Datasheet HTML 7Page - Texas Instruments TLV2462AQDRQ1 Datasheet HTML 8Page - Texas Instruments TLV2462AQDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
5
6
7
U1B
680 pF
C2
330 pF
C3
33 pF
C1
VCC
GND
47 k
Ÿ
R2
4.7 k
R3
62
R1
VIN
OUT
VCC/2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TLV2460-Q1, TLV2460A-Q1, TLV2461-Q1, TLV2461A-Q1
TLV2462-Q1, TLV2462A-Q1, TLV2463-Q1, TLV2463A-Q1, TLV2464A-Q1
SGLS008F – MARCH 2003 – REVISED DECEMBER 2015
TLV246xx-Q1 Low-Power Rail-to-Rail Input/Output Operational Amplifiers
With Shutdown
1
1 Features
The operational amplifier has 6.4-MHz bandwidth and
Qualified for Automotive Applications
a 1.6-V/
μs slew rate with only 500-μA supply current,
AEC-Q100 Qualified With the Following Results:
which provides good ac performance with low-power
Device Temperature Grade 1: –40°C to
consumption. Devices are available with an optional
+125°C Ambient Operating Temperature
shutdown terminal, which places the amplifier in an
Range
ultralow supply-current mode (IDD = 0.3 μA/channel).
While in shutdown, the operational amplifier output is
Device HBM ESD Classification Level 2
placed in a high-impedance state. DC applications
Device CDM ESD Classification Level C6
are also well served with an input noise voltage of 11
ESD Protection Exceeds 2000 V Per
nV/
√Hz and input offset voltage of 100 μV.
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model C = 200 pF, R = 0)
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Rail-to-Rail Output Swing
TLV246x-Q1,
Gain Bandwidth Product: 6.4 MHz
TSSOP (8)
4.40 mm × 3.00 mm
TLV246xA-Q1
Output Drive Capability: ±80-mA
SOIC (8)
3.91 mm × 4.90 mm
Supply Current: 500
μA/Channel
TLV2462-Q1,
TSSOP (8)
4.40 mm × 3.00 mm
TLV2462A-Q1
Input Offset Voltage: 100
μV
VSSOP (8)
3.00 mm × 3.00 mm
Input Noise Voltage: 11 nV/
√Hz
TLV246x-Q1,
TSSOP (14)
4.40 mm × 5.00 mm
TLV246xA-Q1
Slew Rate: 1.6 V/
μs
(1) For all available packages, see the orderable addendum at
Micropower Shutdown Mode (TLV2460-
the end of the datasheet.
Q1/TLV2463-Q1): 0.3
μA/Channel
(2) For all available device options, see the Device Comparison
Universal Operational Amplifier EVM
Table.
2 Applications
Typical Application
Clusters
Telematics
HEV/EV and Powertrains
DC-to-DC Inverters
Power Steering
Lighting Modules
Battery Management Systems
3 Description
The devices in the TLV246x-Q1 family of low-power
rail-to-rail input/output operational amplifiers are well
suited for battery management systems in HEV/EV
and Powertrain, and lighting and roof module systems
in Body and Lighting applications. The input common-
mode voltage range extends beyond the supply rails
for maximum dynamic range in low-voltage systems.
The amplifier output has rail-to-rail performance with
high-output-drive
capability,
solving
one
of
the
limitations of older rail-to-rail input/output operational
amplifiers. This rail-to-rail dynamic range and high
output drive make the TLV246x-Q1 ideal for buffering
analog-to-digital converters.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLV2462AQDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2462AQDRQ1 TI-TLV2462AQDRQ1 Datasheet
692Kb / 33P
[Old version datasheet]   FAMILY OF LOW POWER RAIL TO RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2462AQDRQ1 TI1-TLV2462AQDRQ1 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2462AQDRQ1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951 Datasheet
118Kb / 13P
   INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
August 1999
TS1851 STMICROELECTRONICS-TS1851_07 Datasheet
342Kb / 25P
   1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
TS1871 STMICROELECTRONICS-TS1871_08 Datasheet
427Kb / 26P
   1.8V input/output rail-to-rail low power operational amplifiers
TS1871 STMICROELECTRONICS-TS1871_07 Datasheet
428Kb / 27P
   1.8V input/output rail-to-rail Low power operational amplifiers
TS1871 STMICROELECTRONICS-TS1871 Datasheet
73Kb / 10P
   1.8V, INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
TS1851 STMICROELECTRONICS-TS1851 Datasheet
171Kb / 17P
   1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
LMV321 STMICROELECTRONICS-LMV321 Datasheet
195Kb / 14P
   Low cost low power input/output rail-to-rail operational amplifiers
LMV321 STMICROELECTRONICS-LMV321_10 Datasheet
319Kb / 16P
   Low cost,low power,input/output rail-to-rail operational amplifiers
LMV321 STMICROELECTRONICS-LMV321 Datasheet
199Kb / 14P
   Low cost low power input/output rail-to-rail operational amplifiers
February 2008 Rev 3
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com