Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2464AQPWRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2464AQPWRQ1
Description  Low-Power Rail-to-Rail Input/Output Operational Amplifiers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2464AQPWRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV2464AQPWRQ1 Datasheet HTML 3Page - Texas Instruments TLV2464AQPWRQ1 Datasheet HTML 4Page - Texas Instruments TLV2464AQPWRQ1 Datasheet HTML 5Page - Texas Instruments TLV2464AQPWRQ1 Datasheet HTML 6Page - Texas Instruments TLV2464AQPWRQ1 Datasheet HTML 7Page - Texas Instruments TLV2464AQPWRQ1 Datasheet HTML 8Page - Texas Instruments TLV2464AQPWRQ1 Datasheet HTML 9Page - Texas Instruments TLV2464AQPWRQ1 Datasheet HTML 10Page - Texas Instruments TLV2464AQPWRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
TLV2460-Q1, TLV2460A-Q1, TLV2461-Q1, TLV2461A-Q1
TLV2462-Q1, TLV2462A-Q1, TLV2463-Q1, TLV2463A-Q1, TLV2464A-Q1
www.ti.com
SGLS008F – MARCH 2003 – REVISED DECEMBER 2015
7.4 Thermal Information — 8 Pins
TLV2460-Q1,
TLV2462-Q1,
TLV2461-Q1
TLV2462-Q1,
TLV2462-Q1
TLV2462A-Q1
TLV246[0-2]A-Q1
THERMAL METRIC(1)
UNIT
D (SOIC)
PW (TSSOP)
DGK (VSSOP)
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
120.1
183.6
185.7
179.3
°C/W
Junction-to-case (top) thermal
RθJC(top)
68.3
67
69
71.1
°C/W
resistance
RθJB
Junction-to-board thermal resistance
60.4
112.3
114.5
100.4
°C/W
Junction-to-top characterization
ψJT
20.6
9
9.6
10.7
°C/W
parameter
Junction-to-board characterization
ψJB
59.9
110.6
112.7
98.8
°C/W
parameter
Junction-to-case (bottom) thermal
RθJC(bot)
N/A
N/A
N/A
N/A
°C/W
resistance
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.5 Thermal Information — 14 pins
TLV2463-Q1,
TLV246[3-4]A-Q1
THERMAL METRIC(1)
UNIT
PW (TSSOP)
14 PINS
RθJA
Junction-to-ambient thermal resistance
119.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
47.9
°C/W
RθJB
Junction-to-board thermal resistance
60.8
°C/W
ψJT
Junction-to-top characterization parameter
5.4
°C/W
ψJB
Junction-to-board characterization parameter
60.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TLV2460-Q1 TLV2460A-Q1 TLV2461-Q1 TLV2461A-Q1 TLV2462-Q1 TLV2462A-Q1 TLV2463-
Q1 TLV2463A-Q1 TLV2464A-Q1


Similar Part No. - TLV2464AQPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2464AQPWRQ1 TI-TLV2464AQPWRQ1 Datasheet
692Kb / 33P
[Old version datasheet]   FAMILY OF LOW POWER RAIL TO RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2464AQPWRQ1 TI1-TLV2464AQPWRQ1 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2464AQPWRQ1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951 Datasheet
118Kb / 13P
   INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
August 1999
TS1851 STMICROELECTRONICS-TS1851_07 Datasheet
342Kb / 25P
   1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
TS1871 STMICROELECTRONICS-TS1871_08 Datasheet
427Kb / 26P
   1.8V input/output rail-to-rail low power operational amplifiers
TS1871 STMICROELECTRONICS-TS1871_07 Datasheet
428Kb / 27P
   1.8V input/output rail-to-rail Low power operational amplifiers
TS1871 STMICROELECTRONICS-TS1871 Datasheet
73Kb / 10P
   1.8V, INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
TS1851 STMICROELECTRONICS-TS1851 Datasheet
171Kb / 17P
   1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
LMV321 STMICROELECTRONICS-LMV321 Datasheet
195Kb / 14P
   Low cost low power input/output rail-to-rail operational amplifiers
LMV321 STMICROELECTRONICS-LMV321_10 Datasheet
319Kb / 16P
   Low cost,low power,input/output rail-to-rail operational amplifiers
LMV321 STMICROELECTRONICS-LMV321 Datasheet
199Kb / 14P
   Low cost low power input/output rail-to-rail operational amplifiers
February 2008 Rev 3
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com