Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37641M8 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M37641M8
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37641M8 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M37641M8 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37641M8 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37641M8 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37641M8 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37641M8 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37641M8 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37641M8 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37641M8 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37641M8 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 149 page
background image
5
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
7641 Group
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to
change.
Pin
Name
Function except a port function
Function
Table 2 Pin description (2)
P60/DQ0
P67/DQ7
I/O port P6
• 8-bit I/O port.
• CMOS compatible input level.
• CMOS 3-state output structure.
• I/O direction register allows each pin to be individually
programmed as either input or output.
• When enabling the bus interface function, CMOS or TTL
input level can be selected as its input.
• 5-bit I/O port.
• CMOS compatible input level.
• CMOS 3-state output structure.
• I/O direction register allows each pin to be individually
programmed as either input or output.
• Master CPU bus interface pin
P70/SOF,
P71/HOLD,
P72/S1,
P73/IBF1/
HLDA,
P74/OBF1
P80/UTXD2/
SRDY,
P81/URXD2/
SCLK,
P82/CTS2/
SRXD,
P83/RTS2/
STXD,
P84/UTXD1,
P85/URXD1,
P86/CTS1,
P87/RTS1
I/O port P7
I/O port P8
• 8-bit I/O port.
• CMOS compatible input level.
• CMOS 3-state output structure.
• I/O direction register allows each pin to be individually pro-
grammed as either input or output.
• USB function pin
• Master CPU bus interface pin
• Serial I/O pin
• UART2 pin
• UART1 pin
Remarks
•DMAOUT pin
If externally detecting the timing of DMA execution, use the signal from this pin. It is “H” level during DMA transferring. This signal is valid in the memory expansion
and microprocessor modes.
•SYNCOUT pin
If externally detecting the timing of OP code fetch, use the signal from this pin. This signal is valid in the memory expansion and microprocessor modes.


Similar Part No. - M37641M8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37641M8E8-XXXFP RENESAS-M37641M8E8-XXXFP Datasheet
1Mb / 138P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37641M8M8-XXXFP RENESAS-M37641M8M8-XXXFP Datasheet
1Mb / 138P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37641M8

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com