Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K3GNPDT124VDC Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # K3GNPDT124VDC
Description  1/32 DIN Digital Panel Meter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K3GNPDT124VDC Datasheet(HTML) 4 Page - Omron Electronics LLC

  K3GNPDT124VDC Datasheet HTML 1Page - Omron Electronics LLC K3GNPDT124VDC Datasheet HTML 2Page - Omron Electronics LLC K3GNPDT124VDC Datasheet HTML 3Page - Omron Electronics LLC K3GNPDT124VDC Datasheet HTML 4Page - Omron Electronics LLC K3GNPDT124VDC Datasheet HTML 5Page - Omron Electronics LLC K3GNPDT124VDC Datasheet HTML 6Page - Omron Electronics LLC K3GNPDT124VDC Datasheet HTML 7Page - Omron Electronics LLC K3GNPDT124VDC Datasheet HTML 8Page - Omron Electronics LLC K3GNPDT124VDC Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
K-10
1/32 DIN Digital Panel Meter
K3GN
■ Measuring Ranges
Process Voltage/Current Inputs
No-voltage Contact/Open Collector Inputs
Digital Data Display (By RS-485 Communications)
■ Input/Output Ratings
Relay Contact Output
(Incorporating G6K Relays)
Transistor Output
■ Communications Specifications
Refer to N102 Operation Manual for more details.
Input
Measuring range
Measuring accuracy
Input impedance
Displayable range
DC voltage
1.000 to 5.000 V/
0.000 to 5.000 V
±0.1% FS ±1 digit max.
(at 23
±3°C)
1 M
Ω min.
−19999 to 99999
(with scaling function)
−5.000 to 5.000 V
±0.1% FS ±1 digit max.
(at 23
±5°C)
−10.00 to 10.00 V
DC current
4.00 to 20.00 mA/
0.00 to 20.00 mA
±0.1% FS ±1 digit max.
(at 23
±3°C)
60
Input
Measuring range
Measuring accuracy
(at 23
±5°C)
Displayable range
No-voltage contact (30 Hz max.) with ON/
OFF pulse width of 16 ms min.
0.05 to 30.00 HZ
±0.1% FS ±1 digit max.
−19999 to 99999
(with scaling function)
Open collector (5 kHz max.) with ON/OFF
pulse width of 90
µs min.
0 to 5000 HZ
Displayable range
−19999 to 99999
Item
Resistive load (cos
φ = 1)
Rated load
1 A at 30 VDC
Rated carry current
1 A max. (at COM terminal)
Max. contact voltage
60 VDC
Max. contact current
1 A (at COM terminal)
Max. switching capacity
30 VA
Min. permissible load
(P level, reference value)
10 mV, 10
µA
Mechanical life
50,000,000 times min. (at a switching frequency of 36,000 times/hr)
Electrical life
(at an ambient temperature of 23
°C)
100,000 times min. (at the rated load with a switching frequency of 1,800 times/hr)
Rated load voltage
24 VDC
Max. load current
50 mA
Leakage current
100
µA max.
Item
RS-485
Transmission method
2-wire, half-duplex
Synchronization method
Start-stop synchronization
Baud rate
1,200/2,400/4,800/9,600/19,200 bps
Transmission code
ASCII
Communications
Reading/Writing to
the K3GN
Read/write set values, read/write scaling values, enable/disable the writing of data through commu-
nications, forced-zero control, and other data.


Similar Part No. - K3GNPDT124VDC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K3GN-NDC24VDC OMRON-K3GN-NDC24VDC Datasheet
1Mb / 34P
   Contact Displacement Sensors
K3GN-NDT124VDC OMRON-K3GN-NDT124VDC Datasheet
1Mb / 34P
   Contact Displacement Sensors
More results

Similar Description - K3GNPDT124VDC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DM-2000AB MURATA-DM-2000AB Datasheet
814Kb / 3P
   Digital Panel Meter
DM-350 MURATA-DM-350 Datasheet
995Kb / 3P
   3-1/2 Digit Miniature Digital Panel Meter
logo
List of Unclassifed Man...
DM-4101N ETC1-DM-4101N Datasheet
215Kb / 5P
   4 1/2 Digit Differential LED Digital Panel Meter
logo
Murata Manufacturing Co...
DM-2100 MURATA-DM-2100 Datasheet
780Kb / 3P
   3-1/2 Digit Low Cost Digital Panel Meter
DM4101D MURATA-DM4101D Datasheet
3Mb / 9P
   Micro-Bussable 4-1/2 Digit Digital Panel Meter
DM-3100X MURATA-DM-3100X Datasheet
1Mb / 6P
   3-1/2 Digit Micropowered LCD Digital Panel Meter
DM4101N MURATA-DM4101N Datasheet
219Kb / 5P
   4쩍 Digit Differential LED Digital Panel Meter
DM-3000 MURATA-DM-3000 Datasheet
2Mb / 8P
   Multifunctional Digital Panel Meter and Counter Display
DM-4000 MURATA-DM-4000 Datasheet
1Mb / 5P
   4-1/2 and 4-3/4 Digit Miniature Digital Panel Meter
DM3100U1 MURATA-DM3100U1 Datasheet
289Kb / 6P
   3쩍 Digit, LCD Digital Panel Meter with Descriptors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com