Electronic Components Datasheet Search |
|
K3GNPDT1FLK24VDC Datasheet(PDF) 9 Page - Omron Electronics LLC |
|
K3GNPDT1FLK24VDC Datasheet(HTML) 9 Page - Omron Electronics LLC |
9 / 22 page 1/32 DIN Digital Panel Meter K3GN K-15 Startup Compensation Time (Pulse Input Only) The startup compensation time parameter keeps the measurement operation from sending an unnecessary output corresponding to instantaneous, fluctuating input from the moment the K3GN is turned ON until the end of the preset period. The compensation time can be set in a range from 0.0 to 99.9 sec- onds as the waiting time until the devices subject to measurement become stable after the startup of the power supply. Changing the Display Color The display can be programmed to change color when an output turns ON. In an example, the K3GN can be programmed to display Green for normal, and Red for errors. The color can be set to change from either green to red or red to green when output turns ON. K3GN can also be programmed to display only one unchanging color: Red or Green. Teaching An actual measured value as a set value without any front panel key input can be set with the teaching function. Teaching is useful for making settings while checking the operation status of K3GN. Forced-zero Function It is possible to shift the zero point to a desired value (such as might be required when adjusting reference values) with one touch of the Up/Zero Key on the front panel. Configurable Output Operating Action Output 1 and output 2 can be set to operate in one of the 3 following modes: • Upper limit (High Acting): The output is turned ON when the measured value is greater than its set value. • Lower limit (Low Acting): The output is turned ON when the measured value is less than its set value. • Upper and lower limits (Outside band Acting): An upper limit (H set value) and lower limit (L set value) can be set independently. The output is turned ON when the measured value is greater than upper-limit set value or less than the lower-limit set value. Only transistor outputs have a PASS output which is output when both OUT1 and OUT2 are OFF. The three types of output operations shown above can be combined as desired. The following are examples of possible combinations. OUT1 OUT2 SV ZERO HOLD CMW Upper Limit (High Acting) OUT1/2 set value Measurement value ON OFF Output Hysteresis Lower Limit (Low Acting) OUT1/2 set value ON OFF Output Hysteresis Hysteresis Measurement value Hysteresis ON OFF Output Measurement value Upper and Lower Limits (Outside Band Acting) Upper-limit set value for OUT1/2 Lower-limit set value for OUT1/2 Upper Limit 2-stage Output Threshold Output ON OFF OUT2 ON OFF OUT1 OUT1 set value ON OFF OUT2 ON OFF OUT1 ON OFF OUT2 ON OFF OUT1 OUT2 set value OUT1 set value Measurement value Upper-limit OUT2 set value Upper-limit OUT1 set value Lower-limit OUT1 set value Lower-limit OUT2 set value Measurement value Combination of Upper Limit and Upper/Lower Limits Upper-limit OUT2 set value Lower-limit OUT2 set value Measurement value |
Similar Part No. - K3GNPDT1FLK24VDC |
|
Similar Description - K3GNPDT1FLK24VDC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |