Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS8K1 Datasheet(PDF) 2 Page - Rohm

Part # HS8K1
Description  30V Nch plus Nch Middle Power MOSFET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

HS8K1 Datasheet(HTML) 2 Page - Rohm

  HS8K1 Datasheet HTML 1Page - Rohm HS8K1 Datasheet HTML 2Page - Rohm HS8K1 Datasheet HTML 3Page - Rohm HS8K1 Datasheet HTML 4Page - Rohm HS8K1 Datasheet HTML 5Page - Rohm HS8K1 Datasheet HTML 6Page - Rohm HS8K1 Datasheet HTML 7Page - Rohm HS8K1 Datasheet HTML 8Page - Rohm HS8K1 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
HS8K1
          
               
Datasheet
l
lThermal resistance
                                   
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
Thermal resistance, junction - ambient
RthJA*3
-
-
62.5
/W
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol Type
Conditions
Values
Unit
Min.
Typ.
Max.
Drain - Source breakdown
voltage
V(BR)DSS
Tr1
VGS = 0V, ID = 1mA
30
-
-
V
Tr2
VGS = 0V, ID = 1mA
30
-
-
Breakdown voltage
temperature coefficient
 ΔV(BR)DSS  Tr1 ID = 1mA, referenced to 25
-
28
-
mV/
   ΔTj     Tr2 ID = 1mA, referenced to 25
-
28
-
Zero gate voltage
drain current
IDSS
Tr1
VDS = 24V, VGS = 0V
-
-
1
μA
Tr2
VDS = 24V, VGS = 0V
-
-
1
Gate - Source
leakage current
IGSS
Tr1
VDS = 0V, VGS = ±20V
-
-
±100
nA
Tr2
VDS = 0V, VGS = ±20V
-
-
±100
Gate threshold
voltage
VGS(th)
Tr1
VDS = VGS, ID = 1mA
1.2
-
2.5
V
Tr2
VDS = VGS, ID = 1mA
1.2
-
2.5
Gate threshold voltage
temperature coefficient
 ΔVGS(th)   Tr1 ID = 1mA, referenced to 25
-
-3.87
-
mV/
   ΔTj     Tr2 ID = 1mA, referenced to 25
-
-3.87
-
Static drain - source
on - state resistance
RDS(on)*4
Tr1
VGS = 10V, ID = 10A
-
11.2
14.6
VGS = 4.5V, ID = 10A
-
14.7
19.2
Tr2
VGS = 10V, ID = 11A
-
9.1
11.8
VGS = 4.5V, ID = 11A
-
11.9
15.5
Gate resistance
RG
Tr1
f=1MHz, open drain
-
2.0
-
Ω
Tr2
-
1.9
-
Forward Transfer
Admittance
|Yfs|*4
Tr1
VDS = 5V, ID = 10A
5
-
-
S
Tr2
VDS = 5V, ID = 11A
6
-
-
*1 Pw 10μs, Duty cycle 1%
*2 L 0.1mH, VDD = 15V, RG = 25Ω, STARTING Tj = 25Fig.3-1,3-2
*3 Mounted on a Cu board (40×40×0.8mm)
*4 Pulsed
                                                 
 
                                           
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
2/16
20151211 - Rev.003


Similar Part No. - HS8K1

ManufacturerPart #DatasheetDescription
logo
Rohm
HS8K11 ROHM-HS8K11 Datasheet
3Mb / 19P
   30V NchNch Power MOSFET
More results

Similar Description - HS8K1

ManufacturerPart #DatasheetDescription
logo
Rohm
QH8KA4 ROHM-QH8KA4 Datasheet
1Mb / 14P
   30V NchNch Middle Power MOSFET
HP8K22 ROHM-HP8K22 Datasheet
4Mb / 19P
   30V NchNch Middle Power MOSFET
UT6K3 ROHM-UT6K3 Datasheet
1Mb / 15P
   30V NchNch Middle Power MOSFET
SH8KA7 ROHM-SH8KA7 Datasheet
2Mb / 14P
   30V NchNch Middle Power MOSFET
HP8K24 ROHM-HP8K24 Datasheet
4Mb / 19P
   30V NchNch Middle Power MOSFET
SH8KA2 ROHM-SH8KA2 Datasheet
2Mb / 14P
   30V NchNch Middle Power MOSFET
HP8S36 ROHM-HP8S36 Datasheet
4Mb / 19P
   30V NchNch Middle Power MOSFET
QS8K2FRA ROHM-QS8K2FRA Datasheet
1Mb / 14P
   30V Nch Nch Middle Power MOSFET
SP8K2FRA ROHM-SP8K2FRA Datasheet
2Mb / 14P
   30V NchNch Middle Power MOSFET
RQ3E100BN ROHM-RQ3E100BN Datasheet
2Mb / 12P
   Nch 30V 10A Middle Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com