Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QH8JA1 Datasheet(PDF) 9 Page - Rohm

Part # QH8JA1
Description  -20V Pch Pch Middle Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

QH8JA1 Datasheet(HTML) 9 Page - Rohm

Back Button QH8JA1 Datasheet HTML 5Page - Rohm QH8JA1 Datasheet HTML 6Page - Rohm QH8JA1 Datasheet HTML 7Page - Rohm QH8JA1 Datasheet HTML 8Page - Rohm QH8JA1 Datasheet HTML 9Page - Rohm QH8JA1 Datasheet HTML 10Page - Rohm QH8JA1 Datasheet HTML 11Page - Rohm QH8JA1 Datasheet HTML 12Page - Rohm QH8JA1 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
QH8JA1
           
               
Datasheet
l
lElectrical characteristic curves
Fig.18 Typical Capacitance vs.
      Drain - Source Voltage
Fig.19 Switching Characteristics
Fig.20 Dynamic Input Characteristics
Fig.21 Source Current vs.
      Source Drain Voltage
                                                                                           
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
9/11
20151210 - Rev.001


Similar Part No. - QH8JA1

ManufacturerPart #DatasheetDescription
logo
Rohm
QH8JB5 ROHM-QH8JB5 Datasheet
2Mb / 14P
   -40V PchPch Small Signal MOSFET
QH8JC5 ROHM-QH8JC5 Datasheet
2Mb / 14P
   -60V PchPch Small Signal MOSFET
More results

Similar Description - QH8JA1

ManufacturerPart #DatasheetDescription
logo
Rohm
RQ6C065BC ROHM-RQ6C065BC Datasheet
2Mb / 15P
   Pch -20V -6.5A Middle Power MOSFET
RW1C026ZP ROHM-RW1C026ZP Datasheet
2Mb / 12P
   Pch -20V -2.5A Middle Power MOSFET
RF4C100BC ROHM-RF4C100BC Datasheet
1Mb / 12P
   Pch -20V -10A Middle Power MOSFET
20150411 - Rev.001
RF4C050AP ROHM-RF4C050AP Datasheet
1Mb / 12P
   Pch -20V -10A Middle Power MOSFET
RQ5C035BC ROHM-RQ5C035BC Datasheet
2Mb / 13P
   Pch -20V -3.5A Middle Power MOSFET
RQ3C150BC ROHM-RQ3C150BC Datasheet
1Mb / 15P
   Pch -20V -30A Middle Power MOSFET
UT6MA3 ROHM-UT6MA3 Datasheet
4Mb / 23P
   20V NchPch Middle Power MOSFET
RQ6C050BC ROHM-RQ6C050BC Datasheet
2Mb / 14P
   Pch -20V -5A Middle Power MOSFET
RQ5C060BC ROHM-RQ5C060BC Datasheet
2Mb / 14P
   Pch -20V -6A Middle Power MOSFET
RF6C055BC ROHM-RF6C055BC Datasheet
2Mb / 14P
   Pch -20V -5.5A Middle Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com