Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QH8KA4 Datasheet(PDF) 1 Page - Rohm

Part # QH8KA4
Description  30V NchNch Middle Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

QH8KA4 Datasheet(HTML) 1 Page - Rohm

  QH8KA4 Datasheet HTML 1Page - Rohm QH8KA4 Datasheet HTML 2Page - Rohm QH8KA4 Datasheet HTML 3Page - Rohm QH8KA4 Datasheet HTML 4Page - Rohm QH8KA4 Datasheet HTML 5Page - Rohm QH8KA4 Datasheet HTML 6Page - Rohm QH8KA4 Datasheet HTML 7Page - Rohm QH8KA4 Datasheet HTML 8Page - Rohm QH8KA4 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
QH8KA4
  30V Nch+Nch Middle Power MOSFET
  
Datasheet
l
lOutline
VDSS
30V
 
RDS(on)(Max.)
17.0mΩ
ID
±9.0A
TSMT8
PD
1.5W
 
           
l
lFeatures
l
lInner circuit
1) Low on - resistance.
2) Small Surface Mount Package .
3) Pb-free lead plating ; RoHS compliant.
4) Halogen Free.
5) 100% avalanche tested.
l
lPackaging specifications
Type
Packing
Embossed
Tape
l
lApplication
Reel size (mm)
180
Switching
Tape width (mm)
8
Battery
Basic ordering unit (pcs)
3000
Taping code
TCR
Marking
KA4
l
lAbsolute maximum ratings (Ta = 25°C ,unless otherwise specified) <Tr1 and Tr2>
Parameter
Symbol
Value
Unit
Drain - Source voltage
VDSS
30
V
Continuous drain current
ID
±9.0
A
Pulsed drain current
IDP*1
±40
A
Gate - Source voltage
VGSS
±12
V
Avalanche current, single pulse
IAS*2
9.0
A
Avalanche energy, single pulse
EAS*2
6.2
mJ
Power dissipation
total
PD*3
1.5
W
element
1.25
total
PD*4
1.1
Junction temperature
Tj
150
Operating junction and storage temperature range
Tstg
-55 to +150
                                                                                         
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
1/11
20150903 - Rev.002
 
   
 


Similar Part No. - QH8KA4

ManufacturerPart #DatasheetDescription
logo
Rohm
QH8KA1 ROHM-QH8KA1 Datasheet
2Mb / 12P
   30V NchNch Power MOSFET
QH8KA2 ROHM-QH8KA2 Datasheet
2Mb / 12P
   Small Surface Mount Package
QH8KA3 ROHM-QH8KA3 Datasheet
2Mb / 15P
   Nch Nch 30V 9.0A Small Signal MOSFET
More results

Similar Description - QH8KA4

ManufacturerPart #DatasheetDescription
logo
Rohm
HP8K22 ROHM-HP8K22 Datasheet
4Mb / 19P
   30V NchNch Middle Power MOSFET
UT6K3 ROHM-UT6K3 Datasheet
1Mb / 15P
   30V NchNch Middle Power MOSFET
SH8KA7 ROHM-SH8KA7 Datasheet
2Mb / 14P
   30V NchNch Middle Power MOSFET
HP8K24 ROHM-HP8K24 Datasheet
4Mb / 19P
   30V NchNch Middle Power MOSFET
SH8KA2 ROHM-SH8KA2 Datasheet
2Mb / 14P
   30V NchNch Middle Power MOSFET
HP8S36 ROHM-HP8S36 Datasheet
4Mb / 19P
   30V NchNch Middle Power MOSFET
QS8K2FRA ROHM-QS8K2FRA Datasheet
1Mb / 14P
   30V Nch Nch Middle Power MOSFET
SP8K2FRA ROHM-SP8K2FRA Datasheet
2Mb / 14P
   30V NchNch Middle Power MOSFET
HS8K1 ROHM-HS8K1 Datasheet
4Mb / 19P
   30V Nch plus Nch Middle Power MOSFET
RQ3E100BN ROHM-RQ3E100BN Datasheet
2Mb / 12P
   Nch 30V 10A Middle Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com