Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2BJ-B24B-D Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # M2BJ-B24B-D
Description  Buzzer Unit Series with Cylindrical 22-mm16-dia. Body
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M2BJ-B24B-D Datasheet(HTML) 4 Page - Omron Electronics LLC

  M2BJ-B24B-D Datasheet HTML 1Page - Omron Electronics LLC M2BJ-B24B-D Datasheet HTML 2Page - Omron Electronics LLC M2BJ-B24B-D Datasheet HTML 3Page - Omron Electronics LLC M2BJ-B24B-D Datasheet HTML 4Page - Omron Electronics LLC M2BJ-B24B-D Datasheet HTML 5Page - Omron Electronics LLC M2BJ-B24B-D Datasheet HTML 6Page - Omron Electronics LLC M2BJ-B24B-D Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
M2BJ
4
Dimensions
(Unit: mm)
Contact Form
Panel cutout (Top view)
Jumper
(for switching
intermittent sound)
Turn-lock metal
Sound outlet
16 dia.+0.2
0
14 dia.
24 min.
18 min.
Standard-sound Models
M2BJ-B
9.5
LED(RED)
5.8
9
26
5.8
20
13.5
0.3
9.5
16
4
22
28.5
8.4
20 min.
M16×1
Mounting ring
Turn-lock metal
Panel cutout (Top view)
11
26 min.
Control knob
(Groove width 0.6 x length 2.5 x depth 0.8)
Short-circuit
terminal
(for switching
sound)
Note: The LED lights while the sound is produced.
For intermittent sound, the LED flashes
synchronized with the sound.
Slit
16 dia.
14.6 dia.
+0.2
0
High-sound Models
M2BJ-BH
All Models
(Standard and High-sound Models)
Terminal Hole Dimensions
Terminal Arrangement
(Bottom view)
Note: There is no +/
− polarity.
Power supply
Jumper


Similar Part No. - M2BJ-B24B-D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
M2BJ-B24B-D OMRON-M2BJ-B24B-D Datasheet
569Kb / 6P
   Buzzer Unit Series with Cylindrical 22-mm 횞 16-dia. Body
More results

Similar Description - M2BJ-B24B-D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
M2BJ-B06 OMRON-M2BJ-B06 Datasheet
569Kb / 6P
   Buzzer Unit Series with Cylindrical 22-mm 횞 16-dia. Body
A16-24 OMRON-A16-24 Datasheet
517Kb / 16P
   Indicator with Cylindrical 20-mm 횞 12-dia. Body
A3C-4103 OMRON-A3C-4103 Datasheet
1Mb / 14P
   Pushbutton Switch Series with Cylindrical 20-mm 횞 12-dia. Body
A165-CJA OMRON-A165-CJA Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A16L-AG OMRON-A16L-AG Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A165S-A2M OMRON-A165S-A2M Datasheet
1Mb / 17P
   Separate Construction with Cylindrical 16-dia. Body
A16S-2N-2 OMRON-A16S-2N-2 Datasheet
1Mb / 17P
   Separate Construction with Cylindrical 16-dia. Body
A16ZA-5050 OMRON-A16ZA-5050 Datasheet
1Mb / 27P
   Separate Construction with Cylindrical 16-dia. Body
A16-12DSR OMRON-A16-12DSR Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A165-JGM-2 OMRON-A165-JGM-2 Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com