Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KFO-TX08CB Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KFO-TX08CB
Description  Fiber Optic Transmitting Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KFO-TX08CB Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KFO-TX08CB Datasheet HTML 1Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fiber Optic Transmitting Module
Features
Low Jitter Output
Operating Voltage : 4.75 ~ 5.25V
TTL Interface
Signal Transmission Speed : 8Mbps
A Self-tapping Hole for Easy Attachment to
Audio Equipment Panels
2 pin Cap Houging
Applications
Digital Audio Equipment(CD,MD),
STB, DVDP, etc
Absolute Maximum Ratings
[Ta = 25 ]
*1 : Soldering Time
10 seconds(At a distance of 1mm from the package)
Electro-Optical Characteristics
[Vcc= 5V, Ta= 25 ]
-
-
Condition
-
-
-
-
-
-
MAX 0.8 V
-
MAX 100 ns
MAX 100 ns
-
-
Input Low Level
VIL
MAX 15 ns
Characteristics
4.75 ~ 5.25 V
TYP 660 nm
MAX 8 Mbps
MIN -21 dBm
MAX 10.0 mA
MIN 2.0 V
MAX 10 ns
Propagation Delay Time ( L -> H )
tpLH
Propagation Delay Time ( H -> L )
tpHL
Jitter
tj
Pulse Width Distortion
tw
Input High Level
VIH
Current Consumption
ICC
Optical Output Coupling with Fiber
Pc
Data Rate
T
Peak Emission Wavelength
p
Parameter
Symbol
Operating Supply Voltage
Vcc
KFO-TX08CB
Description
Symbol
Ratings
Condition
-0.5 ~ +7.0V
-
Input Voltage
VIN
Vcc+0.5V
-
Power Supply Voltage
Vcc
Soldering Temperature *1
Tsol
260
-
Storage Temperature
Vstg
- 30 ~ + 80
-
Operating Temperature
Topr
-20 ~ +70
-
Dimensions
(Unit : )
1/1


Similar Part No. - KFO-TX08CB

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KFO-TX08CA KODENSHI-KFO-TX08CA Datasheet
248Kb / 1P
   Fiber Optic Transmitting Module
More results

Similar Description - KFO-TX08CB

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TOTX141 TOSHIBA-TOTX141 Datasheet
113Kb / 6P
   FIBER OPTIC TRANSMITTING MODULE
logo
KODENSHI_AUK CORP.
KFO-TX08CA KODENSHI-KFO-TX08CA Datasheet
248Kb / 1P
   Fiber Optic Transmitting Module
logo
Toshiba Semiconductor
TOTX194 TOSHIBA-TOTX194 Datasheet
140Kb / 8P
   FIBER OPTIC TRANSMITTING MODULE
TOTX178S TOSHIBA-TOTX178S Datasheet
111Kb / 5P
   FIBER OPTIC TRANSMITTING MODULE
TOTX179 TOSHIBA-TOTX179 Datasheet
114Kb / 5P
   FIBER OPTIC TRANSMITTING MODULE
TOTX195 TOSHIBA-TOTX195 Datasheet
139Kb / 8P
   FIBER OPTIC TRANSMITTING MODULE
TOTX170A TOSHIBA-TOTX170A Datasheet
143Kb / 8P
   FIBER OPTIC TRANSMITTING MODULE
logo
KODENSHI_AUK CORP.
KFO-TX13SA KODENSHI-KFO-TX13SA Datasheet
188Kb / 1P
   Fiber Optic Transmitting Module
logo
Toshiba Semiconductor
TOTX176 TOSHIBA-TOTX176 Datasheet
121Kb / 5P
   FIBER OPTIC TRANSMITTING MODULE
TOTX140 TOSHIBA-TOTX140 Datasheet
116Kb / 6P
   FIBER OPTIC TRANSMITTING MODULE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com