Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF65 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TF65
Description  Thermal overload relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TF65 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TF65 Datasheet HTML 1Page - List of Unclassifed Manufacturers TF65 Datasheet HTML 2Page - List of Unclassifed Manufacturers TF65 Datasheet HTML 3Page - List of Unclassifed Manufacturers TF65 Datasheet HTML 4Page - List of Unclassifed Manufacturers TF65 Datasheet HTML 5Page - List of Unclassifed Manufacturers TF65 Datasheet HTML 6Page - List of Unclassifed Manufacturers TF65 Datasheet HTML 7Page - List of Unclassifed Manufacturers TF65 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Thermal overload relay TF65 and TF96
Data sheet
Description
– Overload protection – trip class 10
– Phase loss sensitivity
– Temperature compensation from -25 … +60 °C
– Adjustable current setting for overload protection
– Automatic or manual reset selectable
– Suitable for three- and single-phase application
– Trip-free mechanism
– Status indication
– STOP and TEST function
– Direct mounting onto block contactors
– Sealable operating elements
Setting range
A
Type
Order code
Packing
unit
PCE
Weight
per PCE
kg
22.0 ... 28.0
TF65-28
1SAZ811201R1001
1
0.456
25.0 ... 33.0
TF65-33
1SAZ811201R1002
1
0.456
30.0 ... 40.0
TF65-40
1SAZ811201R1003
1
0.456
36.0 ... 47.0
TF65-47
1SAZ811201R1004
1
0.456
44.0 ... 53.0
TF65-53
1SAZ811201R1005
1
0.456
50.0 ... 60.0
TF65-60
1SAZ811201R1006
1
0.466
57.0 ... 67.0
TF65-67
1SAZ811201R1007
1
0.466
40.0 ... 51.0
TF96-51
1SAZ911201R1001
1
0.620
48.0 ... 60.0
TF96-60
1SAZ911201R1002
1
0.620
57.0 ... 68.0
TF96-68
1SAZ911201R1003
1
0.620
65.0 ... 78.0
TF96-78
1SAZ911201R1004
1
0.620
75.0 ... 87.0
TF96-87
1SAZ911201R1005
1
0.620
84.0 ... 96.0
TF96-96
1SAZ911201R1006
1
0.630
Thermal overload relays are economic
electromechanical protection devices for
the main circuit. They are used mainly
to protect motors against overload and
phase failures. Starter combinations are
setup together with contactors.
Suitable for mounting on:
TF65: AF40, AF52, AF65
TF96: AF80, AF96
Order data
TF65 and TF96 screw terminal
For AF contactors


Similar Part No. - TF65

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TF656N ETC2-TF656N Datasheet
116Kb / 1P
   Low TC Ultra-Precision Film Resistors
logo
Caddock Electronics, In...
TF656N CADDOCK-TF656N Datasheet
180Kb / 1P
   Type TF Low TC Ultra-Precision Film Resistors
logo
List of Unclassifed Man...
TF656R ETC2-TF656R Datasheet
116Kb / 1P
   Low TC Ultra-Precision Film Resistors
More results

Similar Description - TF65

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LA7D3064 SCHNEIDER-LA7D3064 Datasheet
131Kb / 1P
   TeSys LRD thermal overload relay, terminal block adaptor
Aug 10, 2019
logo
STMicroelectronics
L78 STMICROELECTRONICS-L78 Datasheet
2Mb / 54P
   Thermal overload protection
November 2016 Rev 34
logo
Schneider Electric
LR9D01 SCHNEIDER-LR9D01 Datasheet
122Kb / 3P
   TeSys LRD - electronic thermal overload relay - 3P - 0.1...0.5 A
LR9D01 SCHNEIDER-LR9D01_V01 Datasheet
136Kb / 3P
   TeSys LRD - electronic thermal overload relay - 3P - 0.1...0.5 A
May 30, 2022
DPER08 SCHNEIDER-DPER08 Datasheet
133Kb / 3P
   Easy TeSys DPER thermal overload relay, 2.5?? A, class 10
logo
M.S. Kennedy Corporatio...
MSK5212 MSK-MSK5212 Datasheet
151Kb / 6P
   Internal Thermal Overload Protection
MSK5214 MSK-MSK5214 Datasheet
151Kb / 6P
   Internal Thermal Overload Protection
logo
Schneider Electric
LR9D32 SCHNEIDER-LR9D32 Datasheet
120Kb / 3P
   TeSys LRD - electronic thermal overload relay - 3P - 6.4...32 A
logo
Inchange Semiconductor ...
LM7805 ISC-LM7805 Datasheet
239Kb / 2P
   Internal thermal overload protection
logo
M.S. Kennedy Corporatio...
MSK5211 MSK-MSK5211 Datasheet
151Kb / 6P
   Internal Thermal Overload Protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com