Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM119H Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM119H
Description  High Speed Dual Comparator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM119H Datasheet(HTML) 3 Page - Texas Instruments

  LM119H Datasheet HTML 1Page - Texas Instruments LM119H Datasheet HTML 2Page - Texas Instruments LM119H Datasheet HTML 3Page - Texas Instruments LM119H Datasheet HTML 4Page - Texas Instruments LM119H Datasheet HTML 5Page - Texas Instruments LM119H Datasheet HTML 6Page - Texas Instruments LM119H Datasheet HTML 7Page - Texas Instruments LM119H Datasheet HTML 8Page - Texas Instruments LM119H Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
LM119, LM219, LM319
www.ti.com
SNOSBJ2B – AUGUST 2000 – REVISED JANUARY 2016
Product Folder Links: LM119 LM219 LM319
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
4 Pin Configuration and Functions
D, J, or NFF Package
14-Pins CDIP and PDIP
Top View
LME Package
10-Pins TO-100 (Metal Can Package)
Top View
NAD Package
10-Pins CFP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
(D, J, NFF 14)
NO.
(LME 10)
NO.
(NAD 10)
OUTPUT 1
1
12
1
O
Comparator 1 output
GND 1
2
3
2
G
Comparator 1 ground connection
INPUT 1+
3
4
3
I
Comparator 1 input
INPUT 1-
4
5
4
I
Comparator 1 input
V-
5
6
5
P
Negative supply voltage
OUTPUT 2
6
7
6
O
Comparator 2 output
GND 2
7
8
7
G
Comparator 2 ground connection
INPUT 2+
8
9
8
I
Comparator 2 input
INPUT 2-
9
10
9
I
Comparator 2 input
V+
10
11
10
P
Positive supply voltage
NC
1,2,13,14
No connect. Do not connect to ground.


Similar Part No. - LM119H

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM119H LINER-LM119H Datasheet
240Kb / 8P
   Dual Comparator
logo
National Semiconductor ...
LM119H NSC-LM119H Datasheet
359Kb / 18P
   HIGH SPEED DUAL COMPARATOR
logo
Linear Technology
LM119H LINER-LM119H Datasheet
195Kb / 12P
   Dual Comparator
logo
National Semiconductor ...
LM119H-QMLV NSC-LM119H-QMLV Datasheet
359Kb / 18P
   HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM119H-QMLV TI1-LM119H-QMLV Datasheet
666Kb / 22P
[Old version datasheet]   LM119QML High Speed Dual Comparator
More results

Similar Description - LM119H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM119QML TI1-LM119QML_16 Datasheet
648Kb / 25P
[Old version datasheet]   High Speed Dual Comparator
logo
Toshiba Semiconductor
TA8517F TOSHIBA-TA8517F Datasheet
146Kb / 4P
   HIGH SPEED DUAL COMPARATOR
logo
National Semiconductor ...
MDLM119-X NSC-MDLM119-X Datasheet
359Kb / 18P
   HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM319MX TI1-LM319MX Datasheet
295Kb / 13P
[Old version datasheet]   High Speed Dual Comparator
logo
National Semiconductor ...
LM119 NSC-LM119 Datasheet
329Kb / 11P
   High Speed Dual Comparator
logo
Renesas Technology Corp
PC319 RENESAS-PC319_15 Datasheet
346Kb / 12P
   HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM319AM-NOPB TI1-LM319AM-NOPB Datasheet
325Kb / 13P
[Old version datasheet]   High Speed Dual Comparator
8601401CA TI-8601401CA Datasheet
611Kb / 25P
[Old version datasheet]   LM119QML High Speed Dual Comparator
logo
Intersil Corporation
EL5281 INTERSIL-EL5281 Datasheet
161Kb / 9P
   Dual 8ns High-Speed Comparator
logo
Texas Instruments
LM119QML TI1-LM119QML_14 Datasheet
650Kb / 26P
[Old version datasheet]   LM119QML High Speed Dual Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com