Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM311DR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM311DR
Description  Quad Differential Comparators
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM311DR Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM311DR Datasheet HTML 6Page - Texas Instruments LM311DR Datasheet HTML 7Page - Texas Instruments LM311DR Datasheet HTML 8Page - Texas Instruments LM311DR Datasheet HTML 9Page - Texas Instruments LM311DR Datasheet HTML 10Page - Texas Instruments LM311DR Datasheet HTML 11Page - Texas Instruments LM311DR Datasheet HTML 12Page - Texas Instruments LM311DR Datasheet HTML 13Page - Texas Instruments LM311DR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
BAL/STRB BALANCE
IN+
IN−
450 Ω
450 Ω
2.4
kΩ
1.2 kΩ
70 Ω
2.4
kΩ
1.2 kΩ
60 Ω
400 Ω
450 Ω
2 kΩ
200 Ω
250 Ω
600 Ω
130 Ω
4 Ω
4 kΩ
VCC+
VCC−
EMIT OUT
COL OUT
750 Ω
600 Ω
Component Count
Resistors
20
Diodes
2
EPI FET
1
Transistors
22
LM111, LM211, LM311
SLCS007I – SEPTEMBER 1973 – REVISED JUNE 2015
www.ti.com
8 Detailed Description
8.1 Overview
The LM111, LM211 and LM311 are voltage comparators that have input currents nearly a thousand times lower
than legacy standard devices. They are also designed to operate over a wider range of supply voltages: from
standard ±15V op amp supplies down to the single 5-V supply used for IC logic. Their output is compatible with
RTL, DTL and TTL as well as MOS circuits. Further, they can drive lamps or relays, switching voltages up to 50
V at currents as high as 50 mA.
Both the inputs and the outputs of the LM111, LM211 or the LM311 can be isolated from system ground, and the
output can drive loads referred to ground, the positive supply or the negative supply. Offset balancing and strobe
capability are provided and outputs can be wire ORed. The LM211 is identical to the LM111, except that its
performance is specified over a
−25°C to +85°C temperature range instead of −55°C to +125°C. The LM311 has
a temperature range of 0°C to +70°C.
8.2 Functional Block Diagram
8.3 Feature Description
LMx11 consists of a PNP input stage to sense voltages near VCC–. It also contains balance and strobe pins for
external offset adjustment or trimming.
The input stage is followed by a very high gain stage for very fast response after a voltage difference on the input
pins have been sensed.
10
Submit Documentation Feedback
Copyright © 1973–2015, Texas Instruments Incorporated
Product Folder Links: LM111 LM211 LM311


Similar Part No. - LM311DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM311DR TI-LM311DR Datasheet
506Kb / 25P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM311DR TI-LM311DR Datasheet
653Kb / 28P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM311DR TI1-LM311DR Datasheet
1Mb / 31P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM311DR TI1-LM311DR Datasheet
2Mb / 38P
[Old version datasheet]   LMx11 Quad Differential Comparators
logo
Guangdong Youtai Semico...
LM311DR UMW-LM311DR Datasheet
1Mb / 7P
   High flexibility voltage comparator
More results

Similar Description - LM311DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
LM139A TI1-LM139A Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139 Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
   Quad Differential Comparators
logo
Texas Instruments
LM2901ID TI-LM2901ID Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139_07 Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_15 Datasheet
1Mb / 37P
[Old version datasheet]   Quad Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com