Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM193JG Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM193JG
Description  Dual Differential Comparators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM193JG Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM193JG Datasheet HTML 4Page - Texas Instruments LM193JG Datasheet HTML 5Page - Texas Instruments LM193JG Datasheet HTML 6Page - Texas Instruments LM193JG Datasheet HTML 7Page - Texas Instruments LM193JG Datasheet HTML 8Page - Texas Instruments LM193JG Datasheet HTML 9Page - Texas Instruments LM193JG Datasheet HTML 10Page - Texas Instruments LM193JG Datasheet HTML 11Page - Texas Instruments LM193JG Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
-1
0
1
2
3
4
5
6
-0.3
0
0.25 0.5 0.75
1
1.25 1.5 1.75
2
2.25
t – Time – µs
Overdrive = 5 mV
Overdrive = 100 mV
Overdrive = 20 mV
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
IO – Output Sink Current – mA
T = –55°C
A
T = 25°C
A
T = 125°C
A
-1
0
1
2
3
4
5
6
-0.3
0
0.25 0.5 0.75
1
1.25 1.5 1.75
2
2.25
t – Time – µs
Overdrive = 5 mV
Overdrive = 100 mV
Overdrive = 20 mV
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0
5
10
15
20
25
30
35
VCC – Supply Voltage – V
T = –55°C
A
T = 0°C
A
T = 25°C
A
T = 70°C
A
T = 125°C
A
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
VCC – Supply Voltage – V
T = –55°C
A
T = 0°C
A
T = 25°C
A
T = 70°C
A
T = 125°C
A
LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V
SLCS005Y – OCTOBER 1979 – REVISED JUNE 2015
www.ti.com
6.9 Typical Characteristics
Figure 1. Supply Current vs Supply Voltage
Figure 2. Input Bias Current vs Supply Voltage
Figure 4. Response Time for Various Overdrives
Figure 3. Output Saturation Voltage
Negative Transition
Figure 5. Response Time for Various Overdrives
Positive Transition
8
Submit Documentation Feedback
Copyright © 1979–2015, Texas Instruments Incorporated
Product Folder Links: LM193 LM293 LM293A LM393 LM393A LM2903 LM2903V


Similar Part No. - LM193JG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193JG TI-LM193JG Datasheet
413Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193JG TI-LM193JG Datasheet
458Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193JG TI1-LM193JG Datasheet
1Mb / 26P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193JG TI-LM193JG Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193JG TI-LM193JG Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
More results

Similar Description - LM193JG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193-MIL TI1-LM193-MIL Datasheet
329Kb / 16P
[Old version datasheet]   Dual Differential Comparators
logo
Tiger Electronic Co.,Lt...
LM2903D TGS-LM2903D Datasheet
203Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1 Datasheet
212Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193 TI1-LM193_16 Datasheet
887Kb / 25P
[Old version datasheet]   Dual Differential Comparators
logo
Shenzhen Huazhimei Semi...
LM393 HMSEMI-LM393 Datasheet
285Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
TL393CD TI-TL393CD Datasheet
264Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193DRG4 TI-LM193DRG4 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
NCV2903VDR2G TI-NCV2903VDR2G Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
TLV1393 TI-TLV1393 Datasheet
254Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193 TI-LM193 Datasheet
413Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
logo
Wing Shing Computer Com...
LM393 WINGS-LM393 Datasheet
79Kb / 3P
   Dual Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com