Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2903N Datasheet(PDF) 4 Page - Texas Instruments

Part # LM2903N
Description  Low-Power, Low-Offset Voltage, Dual Comparators
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2903N Datasheet(HTML) 4 Page - Texas Instruments

  LM2903N Datasheet HTML 1Page - Texas Instruments LM2903N Datasheet HTML 2Page - Texas Instruments LM2903N Datasheet HTML 3Page - Texas Instruments LM2903N Datasheet HTML 4Page - Texas Instruments LM2903N Datasheet HTML 5Page - Texas Instruments LM2903N Datasheet HTML 6Page - Texas Instruments LM2903N Datasheet HTML 7Page - Texas Instruments LM2903N Datasheet HTML 8Page - Texas Instruments LM2903N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
LM193-N, LM2903-N, LM293-N, LM393-N
SNOSBJ6F – OCTOBER 1999 – REVISED DECEMBER 2014
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
MIN
MAX
UNIT
Differential Input Voltage (4)
36
V
Input Voltage
−0.3
36
V
Input Current (VIN<−0.3 V)
(5)
50
mA
Power
PDIP
780
mW
Dissipation (6)
TO-99
660
mW
SOIC
510
mW
DSBGA
568
mW
Output Short-Circuit to Ground (7)
Continu
ous
Lead Temperature (Soldering, 10 seconds)
260
°C
Soldering
PDIP Package Soldering (10 seconds)
260
°C
Information
SOIC Package
Vapor Phase (60 seconds)
215
°C
Infrared (15 seconds)
220
°C
Storage temperature, Tstg
-65
150
°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage may occur. Recommended Operating Conditions indicate conditions
for which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and test
conditions, see the Electrical Characteristics.
(2)
Refer to RETS193AX for LM193AH military specifications and to RETS193X for LM193H military specifications.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(4)
Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the common-mode
range, the comparator will provide a proper output state. The low input voltage state must not be less than
−0.3V (or 0.3V below the
magnitude of the negative power supply, if used).
(5)
This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of
the input PNP transistors becoming forward biased and thereby acting as input diode clamps. In addition to this diode action, there is
also lateral NPN parasitic transistor action on the IC chip. This transistor action can cause the output voltages of the comparators to go
to the V+ voltage level (or to ground for a large overdrive) for the time duration that an input is driven negative. This is not destructive
and normal output states will re-establish when the input voltage, which was negative, again returns to a value greater than
−0.3V.
(6)
For operating at high temperatures, the LM393 and LM2903 must be derated based on a 125°C maximum junction temperature and a
thermal resistance of 170°C/W which applies for the device soldered in a printed circuit board, operating in a still air ambient. The
LM193/LM193A/LM293 must be derated based on a 150°C maximum junction temperature. The low bias dissipation and the “ON-OFF”
characteristic of the outputs keeps the chip dissipation very small (PD≤100 mW), provided the output transistors are allowed to saturate.
(7)
Short circuits from the output to V+ can cause excessive heating and eventual destruction. When considering short circuits to ground,
the maximum output current is approximately 20 mA independent of the magnitude of V+.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1300
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply Voltage (V+) - Single Supply
2.0
36
V
Supply Voltage (V+) - Dual Supply
±1.0
±18
V
Operating Input Voltage on (VIN pin)
0
(V+) -1.5V
V
Operating junction temperature, TJ : LM193/LM193A
-55
125
°C
Operating junction temperature, TJ : LM2903
-40
85
°C
Operating junction temperature, TJ : LM293
-25
85
°C
Operating junction temperature, TJ : LM393
0
70
°C
4
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LM193-N LM2903-N LM293-N LM393-N


Similar Part No. - LM2903N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM2903N MOTOROLA-LM2903N Datasheet
136Kb / 6P
   SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
STMicroelectronics
LM2903N STMICROELECTRONICS-LM2903N Datasheet
796Kb / 18P
   Low-power dual voltage comparator
logo
National Semiconductor ...
LM2903N NSC-LM2903N Datasheet
322Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Fairchild Semiconductor
LM2903N FAIRCHILD-LM2903N Datasheet
155Kb / 8P
   Dual Differential Comparator
logo
NXP Semiconductors
LM2903N PHILIPS-LM2903N Datasheet
121Kb / 6P
   Low power dual voltage comparator
1995 Nov 27
More results

Similar Description - LM2903N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
   Low Power Low Offset Voltage Dual Comparators
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
KODENSHI_AUK CORP.
KK2903 KODENSHI-KK2903 Datasheet
301Kb / 5P
   Low Power Low Offset Voltage Dual Comparators
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
   Low Power Low Offset Voltage Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com