Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1701AIDCKR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1701AIDCKR
Description  microPower Comparator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1701AIDCKR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV1701AIDCKR Datasheet HTML 2Page - Texas Instruments TLV1701AIDCKR Datasheet HTML 3Page - Texas Instruments TLV1701AIDCKR Datasheet HTML 4Page - Texas Instruments TLV1701AIDCKR Datasheet HTML 5Page - Texas Instruments TLV1701AIDCKR Datasheet HTML 6Page - Texas Instruments TLV1701AIDCKR Datasheet HTML 7Page - Texas Instruments TLV1701AIDCKR Datasheet HTML 8Page - Texas Instruments TLV1701AIDCKR Datasheet HTML 9Page - Texas Instruments TLV1701AIDCKR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
TLV1701, TLV1702, TLV1704
SBOS589D – DECEMBER 2013 – REVISED JUNE 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage
+40 (±20)
V
Voltage(2)
(VS–) – 0.5
(VS+) + 0.5
V
Signal input pins
Current(2)
±10
mA
Output short-circuit(3)
Continuous
mA
Operating temperature range
–55
+150
°C
Junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
+150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input pins are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5 V beyond the supply rails must be
current limited to 10 mA or less.
(3)
Short-circuit to ground; one comparator per package.
7.2 ESD Ratings
VALUE
UNIT
TLV1701 and TLV1702
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
TLV1704
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
±1000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage VS = (VS+) – (VS–)
2.2 (±1.1)
36 (±18)
V
Specified temperature
–40
125
°C
7.4 Thermal Information: TLV1701
TLV1701
THERMAL METRIC(1)
DRL (SOT553)
DCK (SC70)
DBV (SOT23)
UNIT
5 PINS
5 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
271.5
283.6
233.1
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
115.6
94.1
156.4
°C/W
RθJB
Junction-to-board thermal resistance
89.7
61.3
60.6
°C/W
ψJT
Junction-to-top characterization parameter
17.6
1.9
35.7
°C/W
ψJB
Junction-to-board characterization parameter
89.2
60.5
59.7
°C/W
RθJC(bot) Junction-to-case (bottom) thermal resistance
N/A
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TLV1701 TLV1702 TLV1704


Similar Part No. - TLV1701AIDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1701AQDCKRQ1 TI1-TLV1701AQDCKRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
TLV1701AQDCKTQ1 TI1-TLV1701AQDCKTQ1 Datasheet
1Mb / 29P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
More results

Similar Description - TLV1701AIDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1702-Q1 TI1-TLV1702-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   microPower Comparator
logo
Linear Technology
LT1017 LINER-LT1017 Datasheet
618Kb / 8P
   Micropower Dual Comparator
logo
Vishay Siliconix
L161 VISHAY-L161 Datasheet
617Kb / 11P
   MicroPower Quad Comparator
logo
Linear Technology
LTC1040 LINER-LTC1040_09 Datasheet
221Kb / 12P
   Dual Micropower Comparator
LT1018 LINER-LT1018_15 Datasheet
225Kb / 16P
   Micropower Dual Comparator
LT1017 LINER-LT1017_15 Datasheet
225Kb / 16P
   Micropower Dual Comparator
LTC1040 LINER-LTC1040 Datasheet
1,003Kb / 12P
   Dual Micropower Comparator
LTC1040 LINER-LTC1040_15 Datasheet
227Kb / 12P
   Dual Micropower Comparator
LT1017 LINER-LT1017_1 Datasheet
222Kb / 16P
   Micropower Dual Comparator
LT1020 LINER-LT1020_03 Datasheet
262Kb / 16P
   Micropower Regulator and Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com