Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1701AIDRLR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1701AIDRLR
Description  microPower Comparator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1701AIDRLR Datasheet(HTML) 5 Page - Texas Instruments

  TLV1701AIDRLR Datasheet HTML 1Page - Texas Instruments TLV1701AIDRLR Datasheet HTML 2Page - Texas Instruments TLV1701AIDRLR Datasheet HTML 3Page - Texas Instruments TLV1701AIDRLR Datasheet HTML 4Page - Texas Instruments TLV1701AIDRLR Datasheet HTML 5Page - Texas Instruments TLV1701AIDRLR Datasheet HTML 6Page - Texas Instruments TLV1701AIDRLR Datasheet HTML 7Page - Texas Instruments TLV1701AIDRLR Datasheet HTML 8Page - Texas Instruments TLV1701AIDRLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
1
2
3
4
5
6
7
1IN±
1IN+
2IN±
2IN+
V+
1OUT
2OUT
4IN±
3IN+
3IN±
V-
4OUT
3OUT
4IN+
14
13
12
11
10
9
8
1
2
3
4
8
7
6
5
V+
2OUT
2IN±
2IN+
1OUT
1IN±
1IN+
V-
2OUT
2IN±
2IN+
6
5
1OUT
1IN±
1IN+
1
2
3
8
7
V+
V-
4
1
2
3
5
4
V+
OUT
IN+
V-
IN±
TLV1701, TLV1702, TLV1704
www.ti.com
SBOS589D – DECEMBER 2013 – REVISED JUNE 2015
6 Pin Configuration and Functions
TLV1701
TLV1702
DBV (SOT-23-5), DCK (SC70-5), DRL (SOT553-5) Packages
RUG (X2QFN-8) Package
Top View
Top View
TLV1702
DGK (VSSOP-8) Package
Top View
TLV1704
PW (TSSOP-14) Package
Top View
Pin Functions
PIN
NO.
TLV1701
TLV1702
TLV1704
NAME
DBV, DCK, DRL
DGK, RUG
PW
I/O
DESCRIPTION
IN+
1
I
Noninverting input
1IN+
3
5
I
Noninverting input, channel 1
2IN+
5
7
I
Noninverting input, channel 2
3IN+
9
I
Noninverting input, channel 3
4IN+
11
I
Noninverting input, channel 4
IN–
3
I
Inverting input
1IN–
2
4
I
Inverting input, channel 1
2IN–
6
6
I
Inverting input, channel 2
3IN–
8
I
Inverting input, channel 3
4IN–
10
I
Inverting input, channel 4
OUT
4
O
Output
1OUT
1
2
O
Output, channel 1
2OUT
7
1
O
Output, channel 2
3OUT
14
O
Output, channel 3
4OUT
13
O
Output, channel 4
V+
5
8
3
Positive (highest) power supply
V–
2
4
12
Negative (lowest) power supply
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TLV1701 TLV1702 TLV1704


Similar Part No. - TLV1701AIDRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1701AQDCKRQ1 TI1-TLV1701AQDCKRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
TLV1701AQDCKTQ1 TI1-TLV1701AQDCKTQ1 Datasheet
1Mb / 29P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
More results

Similar Description - TLV1701AIDRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1702-Q1 TI1-TLV1702-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   microPower Comparator
logo
Linear Technology
LT1017 LINER-LT1017 Datasheet
618Kb / 8P
   Micropower Dual Comparator
logo
Vishay Siliconix
L161 VISHAY-L161 Datasheet
617Kb / 11P
   MicroPower Quad Comparator
logo
Linear Technology
LTC1040 LINER-LTC1040_09 Datasheet
221Kb / 12P
   Dual Micropower Comparator
LT1018 LINER-LT1018_15 Datasheet
225Kb / 16P
   Micropower Dual Comparator
LT1017 LINER-LT1017_15 Datasheet
225Kb / 16P
   Micropower Dual Comparator
LTC1040 LINER-LTC1040 Datasheet
1,003Kb / 12P
   Dual Micropower Comparator
LTC1040 LINER-LTC1040_15 Datasheet
227Kb / 12P
   Dual Micropower Comparator
LT1017 LINER-LT1017_1 Datasheet
222Kb / 16P
   Micropower Dual Comparator
LT1020 LINER-LT1020_03 Datasheet
262Kb / 16P
   Micropower Regulator and Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com