Electronic Components Datasheet Search |
|
LM2901PWRG3 Datasheet(PDF) 7 Page - Texas Instruments |
|
|
LM2901PWRG3 Datasheet(HTML) 7 Page - Texas Instruments |
7 / 37 page LM139, LM239, LM339, LM139A LM239A, LM339A, LM2901, LM2901AV, LM2901V www.ti.com SLCS006T – OCTOBER 1979 – REVISED JUNE 2015 Electrical Characteristics for LMx39 and LMx39A (continued) at specified free-air temperature, VCC = 5 V (unless otherwise noted) LM239 LM239A LM339 LM339A PARAMETER TEST CONDITIONS(1) TA (2) UNIT MIN TYP MAX MIN TYP MAX VOH = 5 V 25°C 0.1 50 0.1 50 nA IOH High-level output current VID = 1 V VOH = 30 V Full range 1 1 μA 25°C 150 400 150 400 VOL Low-level output voltage VID = –1 V, IOL = 4 mA mV Full range 700 700 IOL Low-level output current VID = –1 V, VOL = 1.5 V 25°C 6 16 6 16 mA Supply current ICC VO = 2.5 V, No load 25°C 0.8 2 0.8 2 mA (four comparators) 7.8 Electrical Characteristics for LM2901 at specified free-air temperature, VCC = 5 V (unless otherwise noted) LM2901 PARAMETER TEST CONDITIONS(1) TA (2) UNIT MIN TYP MAX 25°C 2 7 Non-A devices VIC = VICR min, Full range 15 VIO Input offset voltage VO = 1.4 V, mV 25°C 1 2 VCC = 5 V to MAX (3) A-suffix devices Full range 4 25°C 5 50 IIO Input offset current VO = 1.4 V nA Full range 200 25°C –25 –250 IIB Input bias current VO = 1.4 V nA Full range –500 0 to 25°C VCC – 1.5 Common-mode input- VICR V voltage range(4) 0 to Full range VCC – 2 Large-signal differential- VCC = 15 V, VO = 1.4 V to 11.4 V, AVD 25°C 25 100 V/mV voltage amplification RL ≥ 15 kΩ to VCC VOH = 5 V 25°C 0.1 50 nA IOH High-level output current VID = 1 V VOH = VCC MAX (3) Full range 1 μA Non-V devices 150 500 25°C VID = –1 V, VOL Low-level output voltage V-suffix devices 150 400 mV IOL = 4 mA All devices Full range 700 IOL Low-level output current VID = –1 V, VOL = 1.5 V 25°C 6 16 mA VCC = 5 V 0.8 2 Supply current VO = 2.5 V, ICC 25°C mA (four comparators) No load VCC = MAX (3) 1 2.5 (1) All characteristics are measured with zero common-mode input voltage, unless otherwise specified. (2) Full range (MIN to MAX) for LM2901 is –40°C to 125°C. All characteristics are measured with zero common-mode input voltage, unless otherwise specified. (3) VCC MAX = 30 V for non-V devices, and 32 V for V-suffix devices (4) The voltage at either input or common-mode must not be allowed to go negative by more than 0.3 V. The upper end of the common- mode voltage range is VCC+ – 1.5 V; however, one input can exceed VCC, and the comparator will provide a proper output state as long as the other input remains in the common-mode range. Either or both inputs can go to VCC MAX without damage. Copyright © 1979–2015, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: LM139 LM239 LM339 LM139A LM239A LM339A LM2901 LM2901AV LM2901V |
Similar Part No. - LM2901PWRG3 |
|
Similar Description - LM2901PWRG3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |