Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1MWF Datasheet(PDF) 3 Page - Diodes Incorporated

Part # S1MWF
Description  1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

S1MWF Datasheet(HTML) 3 Page - Diodes Incorporated

  S1MWF Datasheet HTML 1Page - Diodes Incorporated S1MWF Datasheet HTML 2Page - Diodes Incorporated S1MWF Datasheet HTML 3Page - Diodes Incorporated S1MWF Datasheet HTML 4Page - Diodes Incorporated S1MWF Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
S1MWF
Document number: DS36899 Rev. 8 - 2
3 of 5
www.diodes.com
May 2015
© Diodes Incorporated
S1MWF
T , TERMINAL TEMPERATURE ( C)
T
°
Figure 1 Forward Current Derating Curve
0
0.5
1
1.5
0
25
50
75
100
125
150
175
Figure 2 Typical Forward Characteristics
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
0 00001
.
0 0001
.
0 001
.
0 01
.
0 1
.
1
10
0
0 2
.
0 4
.
0 6
.
0 8
.
1
1 2
.
1 4
.
1 6
.
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
0 001
.
0 01
.
0 1
.
1
10
100
0
100 200 300 400 500 600 700 800 900 1000
T = 85°C
A
Figure 3 Typical Reverse Characteristics
V , REVERSE VOLTAGE (V)
R
T = -55°C
A
T = 25°C
A
T = 125°C
A
T = 150°C
A
Figure 4 Total Junction Capacitance
V , REVERSE VOLTAGE (V)
R
0
2
4
6
8
10
12
14
16
18
20
0
5
10
15
20
25
30
35
40
f = 1MHz
Figure 5 Reverse Recovery Time Characteristic and Test Circuit
50V DC
Approx
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
(+)
(+)
(-)
(-)
t
rr
Set time base for 50/100 ns/cm
+0.5A
0A
-0.25A
-1.0A
Note 5


Similar Part No. - S1MWF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S1MWFM DIODES-S1MWFM Datasheet
524Kb / 5P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev. 2 - 2 October 2022
S1MWFM-7 DIODES-S1MWFM-7 Datasheet
524Kb / 5P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev. 2 - 2 October 2022
More results

Similar Description - S1MWF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S1A DIODES-S1A Datasheet
54Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 8 - 2
S1A DIODES-S1A_10 Datasheet
100Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 20 - 2
logo
TAITRON Components Inco...
GL41A TAITRON-GL41A Datasheet
245Kb / 6P
   1.0A Surface Mount Glass Passivated Rectifier
logo
Zibo Seno Electronic En...
M1F ZSELEC-M1F Datasheet
478Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S1MDFQ DIODES-S1MDFQ Datasheet
417Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S1G-13 DIODES-S1G-13 Datasheet
101Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S1DB-13-F DIODES-S1DB-13-F Datasheet
120Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S1GB-13 DIODES-S1GB-13 Datasheet
101Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DFLR1600 DIODES-DFLR1600 Datasheet
403Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS30602 Rev. 4 - 2
DFLR1800 DIODES-DFLR1800 Datasheet
78Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS35075 Rev. 2 - 2
S1MB-13 DIODES-S1MB-13 Datasheet
256Kb / 5P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com