Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1MWF-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # S1MWF-7
Description  1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

S1MWF-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  S1MWF-7 Datasheet HTML 1Page - Diodes Incorporated S1MWF-7 Datasheet HTML 2Page - Diodes Incorporated S1MWF-7 Datasheet HTML 3Page - Diodes Incorporated S1MWF-7 Datasheet HTML 4Page - Diodes Incorporated S1MWF-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
S1MWF
Document number: DS36899 Rev. 8 - 2
1 of 5
www.diodes.com
May 2015
© Diodes Incorporated
S1MWF
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Product Summary (@ TA = +25°C)
VRRM (V)
IO (A)
VF(MAX) (V)
IR(MAX) (µA)
1000
1
1.1
5
Description and Applications
The S1MWF is a rectifier packaged in the small form factor, low
profile SOD123F package. Providing high reverse breakage voltage,
low reverse leakage current, and high surge current capability for
standard rectification, this device is ideal for use in general
rectification applications such as:
Switching Mode Power Supplies
DC-DC Converters
AC-DC Adaptors/Chargers
Mobile Devices
LED Lighting
Features and Benefits
Glass Passivated Die Construction
Small Form Factor, Low Profile
Surge Overload Rating to 30A Peak
Low Reverse Leakage Current
High Reverse Breakage Voltage
Lead-Free Finish & RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: SOD123F
Case Material: Molded Plastic, “Green” Molding Compound;
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish Annealed over Copper
Leadframe. Solderable per MIL-STD-202, Method 208
Polarity: Cathode Band
Weight: 0.0016 grams (Approximate)
Ordering Information (Note 4)
Part Number
Compliance
Case
Packaging
S1MWF-7
Commercial
SOD123F
3,000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free,
"Green" and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2014
2015
2016
2017
2018
2019
2020
2021
Code
B
C
D
E
F
G
H
I
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
Green
SOD123F
F9 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: B = 2014)
M = Month (ex: 9 = September)
SOD123F
Bottom View
Schematic View


Similar Part No. - S1MWF-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S1MWFM DIODES-S1MWFM Datasheet
524Kb / 5P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev. 2 - 2 October 2022
S1MWFM-7 DIODES-S1MWFM-7 Datasheet
524Kb / 5P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev. 2 - 2 October 2022
More results

Similar Description - S1MWF-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S1A DIODES-S1A Datasheet
54Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 8 - 2
S1A DIODES-S1A_10 Datasheet
100Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 20 - 2
logo
TAITRON Components Inco...
GL41A TAITRON-GL41A Datasheet
245Kb / 6P
   1.0A Surface Mount Glass Passivated Rectifier
logo
Zibo Seno Electronic En...
M1F ZSELEC-M1F Datasheet
478Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S1MDFQ DIODES-S1MDFQ Datasheet
417Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S1G-13 DIODES-S1G-13 Datasheet
101Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S1DB-13-F DIODES-S1DB-13-F Datasheet
120Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S1GB-13 DIODES-S1GB-13 Datasheet
101Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DFLR1600 DIODES-DFLR1600 Datasheet
403Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS30602 Rev. 4 - 2
DFLR1800 DIODES-DFLR1800 Datasheet
78Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS35075 Rev. 2 - 2
S1MB-13 DIODES-S1MB-13 Datasheet
256Kb / 5P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com