Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37510M8156FP Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # M37510M8156FP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37510M8156FP Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button M37510M8156FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37510M8156FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37510M8156FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37510M8156FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37510M8156FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37510M8156FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M37510M8156FP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M37510M8156FP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M37510M8156FP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
9
7510 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
Timer X function I/O
Timer Y function I/O
Port P5
Common
Segment
P00–P07
P10–P17
P20–P27
I/O PORTS
Direction Registers
The 7510 group has 41 programmable I/O pins arranged in six I/O
ports (ports P0 to P5). The I/O ports have direction registers which
determine the input/output direction of each individual pin. Each
bit in a direction register corresponds to one pin, each pin can be
set to be input or output.
When “0” is written to the bit corresponding to a pin, that pin be-
comes an input pin. When “1” is written to that bit, that pin
becomes an output pin.
If data is read from a pin which is set for output, the value of the
port output latch is read, not the value of the pin itself. Pins set to
input are floating and can read the value of the pin itself. If a pin
set to input is written to, only the port output latch is written to and
the pin remains floating.
Port Pull-up Control Registers
The 7510 group is equipped with internal pull-ups that can be en-
abled by software. Each I/O port of ports P0–P5 has an port Pi (i=
0 to 5) pull-up control register (addresses 000C16 to 001116). Each
bit of the pull-up control register controls a corresponding bit of the
port. The value written to each individual bit determines whether
the pull-up of the corresponding pin is either enabled or disabled.
When “0” is written to the pull-up control register, the pull up on the
pin is disabled. When “1” is written to the pull-up control register,
the pull-up on the pin is enabled.
After reset, all the pull-up control registers are initialized to “0016”,
disabling all the internal pull-ups.
Fig. 4 Structure of port Pi pull-up control register
Pin
Name
Input/Output
I/O Format
Port P0
Port P1
Port P2
Non-Port Function
Related SFRs
Port P3
Port P4
Input/output,
individual bits
Input
Input/output,
individual bits
Input/output,
individual bits
Output
Output
CMOS compatible
input level
CMOS 3-state output
CMOS compatible input level
CMOS compatible
input level
CMOS 3-state output
CMOS compatible input level
CMOS 3-state output
LCD common output
LCD segment output
Key-on wake up
interrupt input
Serial I/O2
function I/O
External interrupt
input
Serial I/O1
function I/O
Sub-clock generat-
ing circuit I/O
P30/RXD2,
P31/TXD2,
P32/ SCLK2,
P33/SRDY2
P34–P37
P40/INT0
P41/INT1
P42/CNTR0,
P43/CNTR1
P44/RXD1,
P45/TXD1,
P46/ SCLK1,
P47/SRDY1
P50/XCOUT,
P51/XCIN
COM0
COM15
SEG0
SEG79
CPU mode register
LCD mode register
Interrupt control
register 2
Serial I/O2 control
register
Serial I/O2 status register
UART control register 2
Timer X mode register
Timer Y mode register
Serial I/O1 control
register
Serial I/O1 status register
UART1 control register
Ref. No.
(1)
(1)
(2)
(3)
(4)
(5)
(6)
(1)
(7)
(8)
(9)
(8)
(3)
(4)
(5)
(6)
(1)
Notes 1: For details of how to use double-function ports as function I/O ports, refer to the applicable sections.
2: Make sure that the input level at each pin is either 0 V or VCC during execution of the STP instruction.
When an input level is at an intermediate potential, a current will flow from VCC to VSS through the input-stage gate.
Input/output,
individual bits
Input/output,
individual bits
Input/output,
individual bits
CMOS compatible input level
CMOS 3-state output
CMOS compatible input level
CMOS 3-state output
CMOS compatible input level
CMOS 3-state output
b7
Port Pi pull-up control register
(PULLPi : addresses 000C16 to 001116)
Pi0 pull-up
Pi1 pull-up
Pi2 pull-up
Pi3 pull-up
Pi4 pull-up
Pi5 pull-up
Pi6 pull-up
Pi7 pull-up
b0
0 : Disabled
1 : Enabled
i = 0 to 5


Similar Part No. - M37510M8156FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37512F8-XXXHP RENESAS-M37512F8-XXXHP Datasheet
870Kb / 87P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37512F8H-XXXHP RENESAS-M37512F8H-XXXHP Datasheet
870Kb / 87P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37512F8HHP RENESAS-M37512F8HHP Datasheet
870Kb / 87P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37512F8HP RENESAS-M37512F8HP Datasheet
870Kb / 87P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37512FC-XXXHP RENESAS-M37512FC-XXXHP Datasheet
870Kb / 87P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37510M8156FP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com