Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54AC191 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC191
Description  Up/Down Counter with Preset and Ripple Clock
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC191 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button 54AC191 Datasheet HTML 2Page - National Semiconductor (TI) 54AC191 Datasheet HTML 3Page - National Semiconductor (TI) 54AC191 Datasheet HTML 4Page - National Semiconductor (TI) 54AC191 Datasheet HTML 5Page - National Semiconductor (TI) 54AC191 Datasheet HTML 6Page - National Semiconductor (TI) 54AC191 Datasheet HTML 7Page - National Semiconductor (TI) 54AC191 Datasheet HTML 8Page - National Semiconductor (TI) 54AC191 Datasheet HTML 9Page - National Semiconductor (TI) 54AC191 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DC Characteristics for ’AC Family Devices (Continued)
Note 2: All outputs loaded; thresholds on input associated with output under test.
Note 3: Maximum test duration 2.0 ms, one output loaded at a time.
Note 4: IIN and ICC @ 3.0V are guaranteed to be less than or equal to the respective limit @ 5.5V VCC.
ICC for 54AC @ 25˚C is identical to 74AC @ 25˚C.
AC Electrical Characteristics
54AC
V
CC
T
A = −55˚C
to +125˚C
C
L = 50 pF
Fig.
No.
Symbol
Parameter
(V)
Units
(Note 5)
Min
Max
f
max
Maximum Count
3.3
55
MHz
Frequency
5.0
80
t
PLH
Propagation Delay
3.3
1.0
16.5
ns
CP to Q
n
5.0
1.0
12.0
t
PHL
Propagation Delay
3.3
1.0
16.0
ns
CP to Q
n
5.0
1.0
12.0
t
PLH
Propagation Delay
3.3
1.0
19.5
ns
CP to TC
5.0
1.0
14.0
t
PHL
Propagation Delay
3.3
1.0
19.0
ns
CP to TC
5.0
1.0
14.5
t
PLH
Propagation Delay
3.3
1.0
14.0
ns
CP to RC
5.0
1.0
10.5
t
PHL
Propagation Delay
3.3
1.0
12.5
ns
CP to RC
5.0
1.0
9.5
t
PLH
Propagation Delay
3.3
1.0
14.0
ns
CE to RC
5.0
1.0
10.0
t
PHL
Propagation Delay
3.3
1.0
12.5
ns
CE to RC
5.0
1.0
9.5
t
PLH
Propagation Delay
3.3
1.0
14.5
ns
U/D to RC
5.0
1.0
11.0
t
PHL
Propagation Delay
3.3
1.0
15.0
ns
U/D to RC
5.0
1.0
11.0
t
PLH
Propagation Delay
3.3
1.0
14.0
ns
U/D to TC
5.0
1.0
10.5
t
PHL
Propagation Delay
3.3
1.0
13.5
ns
U/D to TC
5.0
1.0
10.0
t
PLH
Propagation Delay
3.3
1.0
16.5
ns
P
n to Qn
5.0
1.0
11.5
t
PHL
Propagation Delay
3.3
1.0
15.5
ns
P
n to Qn
5.0
1.0
10.5
t
PLH
Propagation Delay
3.3
1.0
18.0
ns
PL to Q
n
5.0
1.0
12.5
t
PHL
Propagation Delay
3.3
1.0
15.5
ns
PL to Q
n
5.0
1.0
11.5
Note 5: Voltage Range 3.3 is 3.3V ±0.3V
Voltage Range 5.0 is 5.0V ±0.5V
www.national.com
6


Similar Part No. - 54AC191

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC10 NSC-54AC10 Datasheet
110Kb / 6P
   Triple 3-Input NAND Gate
54AC109 NSC-54AC109 Datasheet
167Kb / 8P
   Dual JK Positive Edge-Triggered Flip-Flop
54AC109D NSC-54AC109D Datasheet
167Kb / 8P
   Dual JK Positive Edge-Triggered Flip-Flop
54AC109F NSC-54AC109F Datasheet
167Kb / 8P
   Dual JK Positive Edge-Triggered Flip-Flop
54AC109L NSC-54AC109L Datasheet
167Kb / 8P
   Dual JK Positive Edge-Triggered Flip-Flop
More results

Similar Description - 54AC191

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC191 FAIRCHILD-74AC191 Datasheet
115Kb / 10P
   Up/Down Counter with Preset and Ripple Clock
logo
Motorola, Inc
MC74AC190 MOTOROLA-MC74AC190 Datasheet
214Kb / 8P
   Up/Down Counter with Preset and Ripple Clock
logo
National Semiconductor ...
54F190DM NSC-54F190DM Datasheet
178Kb / 10P
   Up/Down Decade Counter with Preset and Ripple Clock
logo
Fairchild Semiconductor
74F190 FAIRCHILD-74F190 Datasheet
65Kb / 7P
   Up/Down Decade Counter with Preset and Ripple Clock
logo
National Semiconductor ...
54F191DM NSC-54F191DM Datasheet
196Kb / 10P
   Up/Down Binary Counter with Preset and Ripple Clock
54F191 NSC-54F191 Datasheet
175Kb / 10P
   Up/Down Binary Counter with Preset and Ripple Clock
logo
Fairchild Semiconductor
74F191 FAIRCHILD-74F191_07 Datasheet
185Kb / 12P
   Up/Down Binary Counter with Preset and Ripple Clock
74F191 FAIRCHILD-74F191 Datasheet
77Kb / 7P
   Up/Down Binary Counter with Preset and Ripple Clock
logo
NXP Semiconductors
74F191 PHILIPS-74F191 Datasheet
104Kb / 14P
   Up/down binary counter with reset and ripple clock
1995 Jul 17
logo
Texas Instruments
SN74F190A TI1-SN74F190A Datasheet
126Kb / 7P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER WITH RESET AND RIPPLE CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com