Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8646MKE Datasheet(PDF) 5 Page - Texas Instruments

Part # LMP8646MKE
Description  Precision Current Limiter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8646MKE Datasheet(HTML) 5 Page - Texas Instruments

  LMP8646MKE Datasheet HTML 1Page - Texas Instruments LMP8646MKE Datasheet HTML 2Page - Texas Instruments LMP8646MKE Datasheet HTML 3Page - Texas Instruments LMP8646MKE Datasheet HTML 4Page - Texas Instruments LMP8646MKE Datasheet HTML 5Page - Texas Instruments LMP8646MKE Datasheet HTML 6Page - Texas Instruments LMP8646MKE Datasheet HTML 7Page - Texas Instruments LMP8646MKE Datasheet HTML 8Page - Texas Instruments LMP8646MKE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
LMP8646
www.ti.com
SNOSC63B – FEBRUARY 2012 – REVISED DECEMBER 2014
6.5 Electrical Characteristics: 2.7 V
Unless otherwise specified, all limits ensured for at TA = 25°C, VS= (V
+ – V-) = (2.7 V - 0 V) = 2.7 V, −2 V < V
CM < 76 V, RG=
25 k
Ω, RL = 10 kΩ.
(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
VOFFSET
Input Offset Voltage
VCM = 2.1 V
–1
1
mV
VCM = 2.1 V, –40°C ≤ TJ ≤ 125°C
–1.7
1.7
TCVOS
Input Offset Voltage Drift(4)(5)
VCM = 2.1 V
7
μV/°C
IB
Input Bias Current(6)
VCM = 2.1 V
12
20
μA
eni
Input Voltage Noise(5)
f > 10 kHz, RG = 5 kΩ
120
nV/
√Hz
VSENSE
Max Input Sense Voltage(5)
VCM = 12 V, RG = 5 kΩ
600
mV
Gain AV
Adjustable Gain Setting(5)
VCM = 12 V
1
100
V/V
Gm
Transconductance = 1/RIN
VCM = 2.1 V
200
µA/V
VCM = 2.1 V
–2%
2%
Accuracy
VCM = 2.1 V, –40°C ≤ TJ ≤ 125°C
–3.4%
3.4%
Gm drift(5)
−40°C to 125°C, VCM= 2.1 V
140 ppm /°C
PSRR
Power Supply Rejection Ratio
VCM = 2.1 V, 2.7 V < V
+ < 12 V
85
dB
CMRR
2.1 V < VCM < 76 V
95
Common-Mode Rejection Ratio
dB
–2 V <VCM < 2.1 V
55
SR
Slew Rate(7)(5)
VCM = 5 V, CG = 4 pF, VSENSE from 25 mV
0.5
V/µs
to 175 mV, CL = 30 pF, RL = 1MΩ
IS
Supply Current
VCM = 2.1 V
380
610
VCM = 2.1 V, –40°C ≤ TJ ≤ 125°C
807
uA
VCM = –2 V
2000
2500
VCM = –2 V, –40°C ≤ TJ ≤ 125°C
2700
VOUT
Maximum Output Voltage
VCM = 2.1 V, RG = 500 kΩ
1.1
V
Minimum Output Voltage
VCM = 2.1 V
20
mV
Maximum Output Voltage
VS = VCM = 3.3 V, RG = 500 kΩ
1.6
V
Minimum Output Voltage
VS = VCM = 3.3 V, RG = 500 kΩ
22
mV
IOUT
Output current(5)
Sourcing, VOUT= 600 mV, RG = 150 kΩ
5
mA
CLOAD
Max Output Capacitance Load(5)
30
pF
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No assurance of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA.
(2)
All limits are specified by testing, design, or statistical analysis.
(3)
Typical values represent the most likely parametric norm at the time of characterization. Actual typical values may vary over time and
will also depend on the application and configuration. The typical values are not tested and are not specified on shipped production
material.
(4)
Offset voltage temperature drift is determined by dividing the change in VOS at the temperature extremes by the total temperature
change.
(5)
This parameter is specified by design and/or characterization and is not tested in production.
(6)
Positive Bias Current corresponds to current flowing into the device.
(7)
The number specified is the average of rising and falling slew rates and measured at 90% to 10%.
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMP8646


Similar Part No. - LMP8646MKE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8646MKE TI1-LMP8646MKE Datasheet
492Kb / 23P
[Old version datasheet]   Precision Current Limiter
More results

Similar Description - LMP8646MKE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8646 TI1-LMP8646 Datasheet
492Kb / 23P
[Old version datasheet]   Precision Current Limiter
LMP8646 TI-LMP8646_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMP8646 Precision Current Limiter
logo
STMicroelectronics
L9700D-E STMICROELECTRONICS-L9700D-E Datasheet
322Kb / 14P
   Hex precision limiter
October 2011 Rev 1
L9700 STMICROELECTRONICS-L9700 Datasheet
97Kb / 7P
   HEX PRECISION LIMITER
L9700D013TR STMICROELECTRONICS-L9700D013TR Datasheet
468Kb / 8P
   HEX PRECISION LIMITER
logo
Freescale Semiconductor...
CL-60 FREESCALE-CL-60 Datasheet
112Kb / 4P
   NTC Inrush Current Limiter
logo
List of Unclassifed Man...
CL-11 ETC-CL-11 Datasheet
439Kb / 4P
   NTC Inrush Current Limiter
10/2022
logo
Freescale Semiconductor...
CL-21 FREESCALE-CL-21 Datasheet
112Kb / 4P
   NTC Inrush Current Limiter
logo
List of Unclassifed Man...
MHIC-48100A ETC1-MHIC-48100A Datasheet
197Kb / 1P
   Inrush Current Limiter HIC
logo
STMicroelectronics
STIL STMICROELECTRONICS-STIL Datasheet
155Kb / 11P
   AC INRUSH CURRENT LIMITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com