Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T491T107D2R5AT Datasheet(PDF) 3 Page - Kemet Corporation

Part # T491T107D2R5AT
Description  Symmetrical, compliant terminations
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491T107D2R5AT Datasheet(HTML) 3 Page - Kemet Corporation

  T491T107D2R5AT Datasheet HTML 1Page - Kemet Corporation T491T107D2R5AT Datasheet HTML 2Page - Kemet Corporation T491T107D2R5AT Datasheet HTML 3Page - Kemet Corporation T491T107D2R5AT Datasheet HTML 4Page - Kemet Corporation T491T107D2R5AT Datasheet HTML 5Page - Kemet Corporation T491T107D2R5AT Datasheet HTML 6Page - Kemet Corporation T491T107D2R5AT Datasheet HTML 7Page - Kemet Corporation T491T107D2R5AT Datasheet HTML 8Page - Kemet Corporation T491T107D2R5AT Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2005_T491 • 12/11/2015
33
Tantalum Surface Mount Capacitors – Standard Tantalum
T491 Series Industrial Grade MnO2
Qualification
Test
Condition
Characteristics
Endurance
85°Catratedvoltage,2,000hours
125°Cat2/3ratedvoltage,2,000hours
ΔC/C
Within ±10% of initial value
DF
Within initial limits
DCL
Within 1.25 x initial limit
ESR
Within initial limits
Storage Life
125°Cat0volts,2,000hours
ΔC/C
Within ±10% of initial value
DF
Within initial limits
DCL
Within 1.25 x initial limit
ESR
Within initial limits
Thermal Shock
MIL–STD–202,Method107,ConditionB,mounted,-55C°to
125°C,1,000cycles
ΔC/C
Within ±5% of initial value
DF
Within initial limits
DCL
Within 1.25 x initial limit
ESR
Within initial limits
Temperature Stability
Extreme temperature exposure at a
succession of continuous steps at +25ºC,
-55ºC, +25ºC, +85ºC, +125ºC, +25ºC.
+25°C
-55°C
+85°C
+125°C
ΔC/C
IL*
±10%
±10%
±20%
DF
IL
IL
1.5 x IL
1.5 x IL
DCL
IL
N/A
10 x IL
12 x IL
Surge Voltage
85°C,1.32xratedvoltage1,000cycles
(125°C,1.2xratedvoltage).
ΔC/C
Within ±5% of initial value
DF
Within initial limits
DCL
Within initial limits
ESR
Within initial limits
Mechanical Shock/Vibration
MIL–STD–202, Method 213, Condition I, 100 G peak
MIL–STD–202, Method 204, Condition D, 10 Hz to 2,000 Hz,
20 G peak
ΔC/C
Within ±10% of initial value
DF
Within initial limits
DCL
Within initial limits
*IL = Initial limit


Similar Part No. - T491T107D2R5AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491T107004A KEMET-T491T107004A Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491T10712R5A2 KEMET-T491T10712R5A2 Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors . Standard Tantalum T491 Series Industrial Grade MnO2
T491T10712R5A2 KEMET-T491T10712R5A2 Datasheet
2Mb / 24P
   T491 Series Industrial Grade MnO2
T491T10712R5A2 KEMET-T491T10712R5A2 Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491T1072R5A KEMET-T491T1072R5A Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
More results

Similar Description - T491T107D2R5AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T492D156K020AC4251 KEMET-T492D156K020AC4251 Datasheet
2Mb / 17P
   Established reliability options Symmetrical, compliant terminations
R463N31500001M KEMET-R463N31500001M Datasheet
1Mb / 18P
   RoHS Compliant and lead-free terminations
logo
TT Electronics.
1600 TTELEC-1600 Datasheet
907Kb / 7P
   Manufactured ROHS compliant pb-free terminations
QDN003 TTELEC-QDN003 Datasheet
445Kb / 2P
   RoHS compliant and Sn/Pb terminations available
QDN001 TTELEC-QDN001 Datasheet
405Kb / 2P
   rohs compliant and sn/pb terminations available
QSOP TTELEC-QSOP Datasheet
442Kb / 4P
   RoHS compliant and Sn/Pb terminations available
logo
Cherry Semiconductor Co...
JM-0800 CHERRY-JM-0800 Datasheet
127Kb / 2P
   Symmetrical design
logo
Anaren Microwave
RFP-20-50TP ANAREN-RFP-20-50TP Datasheet
503Kb / 2P
   Flanged Terminations
RFP-20-50TPR ANAREN-RFP-20-50TPR Datasheet
494Kb / 2P
   Flanged Terminations
RFP-150-50TCGF ANAREN-RFP-150-50TCGF Datasheet
498Kb / 2P
   Flanged Terminations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com