Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T491A106D004AT Datasheet(PDF) 2 Page - Kemet Corporation

Part # T491A106D004AT
Description  Symmetrical, compliant terminations
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491A106D004AT Datasheet(HTML) 2 Page - Kemet Corporation

  T491A106D004AT Datasheet HTML 1Page - Kemet Corporation T491A106D004AT Datasheet HTML 2Page - Kemet Corporation T491A106D004AT Datasheet HTML 3Page - Kemet Corporation T491A106D004AT Datasheet HTML 4Page - Kemet Corporation T491A106D004AT Datasheet HTML 5Page - Kemet Corporation T491A106D004AT Datasheet HTML 6Page - Kemet Corporation T491A106D004AT Datasheet HTML 7Page - Kemet Corporation T491A106D004AT Datasheet HTML 8Page - Kemet Corporation T491A106D004AT Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2005_T491 • 12/11/2015
22
Tantalum Surface Mount Capacitors – Standard Tantalum
T491 Series Industrial Grade MnO2
SPICE
Foradetailedanalysisofspecificpartnumbers,pleasevisitwww.kemet.comforafreedownloadofKEMET'sSPICEsoftware.
The KEMET SPICE program is freeware intended to aid design engineers in analyzing the performance of these capacitors over
frequency, temperature, ripple, and DC bias conditions.
Ordering Information
T
491
X
157
K
020
A
T
Capacitor
Class
Series
Case Size
Capacitance
Code (pF)
Capacitance
Tolerance
Rated Voltage
(VDC)
Failure Rate/
Design
Termination Finish
Packaging (C-Spec)
T =
Tantalum
Industrial
A, B, C, D,
E, M, S, T,
U, V, W, X
First two digits
represent
significant
figures.Thirddigit
specifiesnumber
of zeros.
K = ±10%
M = ±20%
2R5 = 2.5
003 = 3
004 = 4
006 = 6.3
010 = 10
016 = 16
020 = 20
025 = 25
035 = 35
050 = 50
A = N/A
T = 100% Matte Tin (Sn)
plated
H = Standard solder
coated (SnPb 5% Pb
minimum)
G = Gold plated (A, B, C,
D, X only)
N = Non-magnetic 100%
Tin (Sn)
M = Non-magnetic (SnPb)
Blank = 7" Reel
7280 = 13" Reel
Performance Characteristics
Item
Performance Characteristics
Operating Temperature
-55°Cto125°C
Rated Capacitance Range
0.1–1,000µFat120Hz/25°C
Capacitance Tolerance
K Tolerance (10%), M Tolerance (20%)
Rated Voltage Range
2.5 – 50 V
DF (120 Hz)
RefertoPartNumberElectricalSpecificationTable
ESR (100 kHz)
RefertoPartNumberElectricalSpecificationTable
Leakage Current
≤0.01CV(µA)atratedvoltageafter5minutes


Similar Part No. - T491A106D004AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491A106004A KEMET-T491A106004A Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491A106010A KEMET-T491A106010A Datasheet
705Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS T491 SERIES - Precision Molded Chip
T491A106020A KEMET-T491A106020A Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491A1061004A2 KEMET-T491A1061004A2 Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors . Standard Tantalum T491 Series Industrial Grade MnO2
T491A1061004A2 KEMET-T491A1061004A2 Datasheet
725Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS T491 SERIES - Precision Molded Chip
More results

Similar Description - T491A106D004AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T492D156K020AC4251 KEMET-T492D156K020AC4251 Datasheet
2Mb / 17P
   Established reliability options Symmetrical, compliant terminations
R463N31500001M KEMET-R463N31500001M Datasheet
1Mb / 18P
   RoHS Compliant and lead-free terminations
logo
TT Electronics.
1600 TTELEC-1600 Datasheet
907Kb / 7P
   Manufactured ROHS compliant pb-free terminations
QDN003 TTELEC-QDN003 Datasheet
445Kb / 2P
   RoHS compliant and Sn/Pb terminations available
QDN001 TTELEC-QDN001 Datasheet
405Kb / 2P
   rohs compliant and sn/pb terminations available
QSOP TTELEC-QSOP Datasheet
442Kb / 4P
   RoHS compliant and Sn/Pb terminations available
logo
Cherry Semiconductor Co...
JM-0800 CHERRY-JM-0800 Datasheet
127Kb / 2P
   Symmetrical design
logo
Anaren Microwave
RFP-20-50TP ANAREN-RFP-20-50TP Datasheet
503Kb / 2P
   Flanged Terminations
RFP-20-50TPR ANAREN-RFP-20-50TPR Datasheet
494Kb / 2P
   Flanged Terminations
RFP-150-50TCGF ANAREN-RFP-150-50TCGF Datasheet
498Kb / 2P
   Flanged Terminations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com