Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WL2SG-2F3235 Datasheet(PDF) 2 Page - SICK AG

Part # WL2SG-2F3235
Description  Photoelectric retro-reflective sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WL2SG-2F3235 Datasheet(HTML) 2 Page - SICK AG

  WL2SG-2F3235 Datasheet HTML 1Page - SICK AG WL2SG-2F3235 Datasheet HTML 2Page - SICK AG WL2SG-2F3235 Datasheet HTML 3Page - SICK AG WL2SG-2F3235 Datasheet HTML 4Page - SICK AG WL2SG-2F3235 Datasheet HTML 5Page - SICK AG WL2SG-2F3235 Datasheet HTML 6Page - SICK AG WL2SG-2F3235 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA2/2/2016 1:49:07 AM
Photoelectric sensors
W2SG-2, Photoelectric retro-reflective sensor, autocollimation
1) 2) P250F 3) Average service life: 100,000 h at TU = +25 °C
Type
> WL2SG-2F3235
Part No.
> 1063647
At a glance
Extremely high sensor size to sensing distance ratio
High switching point accuracy
Teach-in functions enable reliable settings
Automatic switching threshold adaption
Single-lens autocollimation for visibility through apertures and drill holes
Flexible sensor settings, monitoring, advanced diagnostics, and display thanks to
IO-Link
Your benefits
Machine design flexibility: the ultra-compact sensors offer above-average sensing
distances and provide space-saving installation
Remote setup: sensors installed in confined spaces can be set and monitored
remotely via IO-Link.
High operational reliability and system throughput: all familiar, highly-transparent
objects are reliably detected
Precise switching characteristics and a high detection quality guarantee an
universal object detecting
Universal use: conventional mounting and housing design
The precise light spot of the PinPoint 2.0 LED enables the use of very small
reflectors and reflector surfaces
Illustration may differ
Features
Sensor/detection principle:
Photoelectric retro-reflective sensor, autocollimation
Dimensions (W x H x D):
7.7 mm x 21.8 mm x 13.5 mm
Housing design (light emission):
Rectangular
Sensing range max.:
0 m ... 1.2 m 1)
Sensing range:
0 m ... 0.55 m 2)
Type of light:
Visible red light
Light source:
PinPoint LED 3)
Wave length:
640 nm
Special features:
Detecting transparent objects
Adjustment:
Cable
Light spot size (distance):
X Ø 12 mm (250 mm)


Similar Part No. - WL2SG-2F3235

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2SG-2E1135 SICK-WL2SG-2E1135 Datasheet
719Kb / 7P
   Photoelectric retro-reflective sensor
WL2SG-2N1135 SICK-WL2SG-2N1135 Datasheet
719Kb / 7P
   Photoelectric retro-reflective sensor
WL2SG-2P3235 SICK-WL2SG-2P3235 Datasheet
722Kb / 7P
   Photoelectric retro-reflective sensor
More results

Similar Description - WL2SG-2F3235

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2SGC-2P3234 SICK-WL2SGC-2P3234 Datasheet
756Kb / 7P
   Photoelectric retro-reflective sensor
WLG4-3N1382 SICK-WLG4-3N1382 Datasheet
779Kb / 6P
   Photoelectric retro-reflective sensor
WLG4-3P1482 SICK-WLG4-3P1482 Datasheet
779Kb / 6P
   Photoelectric retro-reflective sensor
WLG4-3P2132 SICK-WLG4-3P2132 Datasheet
793Kb / 6P
   Photoelectric retro-reflective sensor
WLG4S-3P1132V SICK-WLG4S-3P1132V Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor
WLG4S-3P2232V SICK-WLG4S-3P2232V Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor
WLG4S-3P2232VS03 SICK-WLG4S-3P2232VS03 Datasheet
1Mb / 6P
   Photoelectric retro-reflective sensor
WL8-P2131 SICK-WL8-P2131 Datasheet
733Kb / 7P
   Photoelectric retro-reflective sensor
WL8-P2231 SICK-WL8-P2231 Datasheet
740Kb / 7P
   Photoelectric retro-reflective sensor
WL8-P2231S05 SICK-WL8-P2231S05 Datasheet
729Kb / 7P
   Photoelectric retro-reflective sensor
WL100-2P1409S31 SICK-WL100-2P1409S31 Datasheet
860Kb / 7P
   Photoelectric retro-reflective sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com