Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5707.0101.312 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 5707.0101.312
Description  Screw-on version from front or rear side, Screws with sealing are included
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5707.0101.312 Datasheet(HTML) 3 Page - Schurter Inc.

  5707.0101.312 Datasheet HTML 1Page - Schurter Inc. 5707.0101.312 Datasheet HTML 2Page - Schurter Inc. 5707.0101.312 Datasheet HTML 3Page - Schurter Inc. 5707.0101.312 Datasheet HTML 4Page - Schurter Inc. 5707.0101.312 Datasheet HTML 5Page - Schurter Inc. 5707.0101.312 Datasheet HTML 6Page - Schurter Inc. 5707.0101.312 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Power Entry Modules with Line Filter
5707
www.schurter.com/PG06
EMC Products
Mounting standard version
2
BC
2
3
1
4
1
A
3/4
2
1
A) front view
B) detail front mounting type
C) detail rear mounting type
1) sealing of flange
2) sealing of fuseholder
3) sealing of screw hole (front mounting type: sealing ring on screw head)
4) sealing of screw hole (rear mounting type: sealing on screw thread)
Important:
- use supplied fuse caps (2) and mounting screws (3/4)
- optimal sealing requires even and solid panel opening
- recommended tightening torque for mounting screws (2/3/4): 0.5-0.8 Nm
- IP65 protection between the inlet and connector pins, but no IP rating between the connector pins and the plug of the power cord!
Technical Data of Filter-Components
Rated Current
[A]
Filter-Type
Inductances
L [mH]
Capacitance
CX [nF]
Capacitance
CY [nF]
R [M
Ω]
1
Standard Version
2 x 12
100
2.2
1
2
Standard Version
2 x 5.2
100
2.2
1
4
Standard Version
2 x 2
100
2.2
1
6
Standard Version
2 x 0.8
100
2.2
1
8
Standard Version
2 x 0.4
100
2.2
1
1
Medical Version (M5)
2 x 12
100
-
1
2
Medical Version (M5)
2 x 5.2
100
-
1
4
Medical Version (M5)
2 x 2
100
-
1
6
Medical Version (M5)
2 x 0.8
100
-
1
8
Medical Version (M5)
2 x 0.4
100
-
1
2
Medical Version (M80)
2 x 5.2
100
0.47
1
Diagrams
Standard version
L2
L1
L
N
PE
L'
N'
PE' 2)
1)
F2
F1
Cx
R
Cy
Cy
1) Line
2) Load
Medical version M5
L2
L1
F2
F1
L'
N'
PE'
L
N
PE
2)
1)
Cx
R
1) Line
2) Load


Similar Part No. - 5707.0101.312

ManufacturerPart #DatasheetDescription
logo
Altech corporation
5707.2 ALTECH-5707.2 Datasheet
85Kb / 2P
   INTERFACES CONNECTOR-TO-WIRE Ribbon Cable Module 35 or 32mm DIN Rail
More results

Similar Description - 5707.0101.312

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6100.3200 SCHURTER-6100.3200 Datasheet
449Kb / 3P
   Screw-on mounting from front or rear-side
C22F SCHURTER-C22F Datasheet
796Kb / 4P
   Panel Mount Screw-on from front side
0183 SCHURTER-0183_14 Datasheet
172Kb / 2P
   IEC Appliance Inlet C16A, Screw-on Mounting, Front or Rear Side, Quick-connect or Screw-on Terminal
0183 SCHURTER-0183 Datasheet
291Kb / 2P
   IEC Appliance Inlet C16A, Screw-on Mounting, Front or Rear Side, Quick-connect or Screw-on Terminal
0163 SCHURTER-0163_13 Datasheet
309Kb / 2P
   IEC Appliance Inlet C16, Screw-on Mounting, Front or Rear Side, Quick-connect or Screw-on Terminal
0163 SCHURTER-0163 Datasheet
325Kb / 2P
   IEC Appliance Inlet C16, Screw-on Mounting, Front or Rear Side, Quick-connect or Screw-on Terminal
6049 SCHURTER-6049_V01 Datasheet
281Kb / 3P
   IEC Appliance Inlet C14, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect or Screw-on Terminal
6049 SCHURTER-6049 Datasheet
375Kb / 3P
   IEC Appliance Inlet C14, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect or Screw-on Terminal
6048 SCHURTER-6048 Datasheet
387Kb / 3P
   IEC Appliance Inlet C14, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect or Screw-on Terminal
5082 SCHURTER-5082 Datasheet
315Kb / 2P
   IEC Appliance Outlet D, Screw-on Mounting, Front or Rear Side, Solder Terminal
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com