Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5707.0401.313 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 5707.0401.313
Description  Screw-on version from front or rear side, Screws with sealing are included
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5707.0401.313 Datasheet(HTML) 1 Page - Schurter Inc.

  5707.0401.313 Datasheet HTML 1Page - Schurter Inc. 5707.0401.313 Datasheet HTML 2Page - Schurter Inc. 5707.0401.313 Datasheet HTML 3Page - Schurter Inc. 5707.0401.313 Datasheet HTML 4Page - Schurter Inc. 5707.0401.313 Datasheet HTML 5Page - Schurter Inc. 5707.0401.313 Datasheet HTML 6Page - Schurter Inc. 5707.0401.313 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Power Entry Modules with Line Filter
5707
www.schurter.com/PG06
EMC Products
IEC Appliance Inlet C14 or C18 with Filter, Protection Degree IP65 into the Appliance, Fuseholder 1- or
2-pole, Front or Rear Mounting
5707.xxxx.xx2 Mounting from front side
5707.xxxx.xxx.22 with IP 54 V-Lock cord con-
nection
5707 with IP 54 Inlet Gasket
Medical fuse drawer
C14
70° C
C18
70° C
Description
- Panel Mount:
Screw-on version from front or rear side, Screws with sealing are inclu-
ded
- 4 Functions:
Appliance Inlet protection class I or II, Line filter in standard and medi-
cal version, Fuseholder for fuse-links 5 x 20 mm, IP 65 protection into
the appliance
- For front side mounting versions a sealing kit IP 54 for the power sup-
ply connection is available as an accessory: 4700.0021
- Option suffix ".22" offers IP54 for the power input in combination with
V-Lock cordsets
- Quick connect terminals 6.3 x 0.8 mm
Approvals
- VDE Certificate Number: 40016382
- UL File Number: E72928
Characteristics
- Extreme robust design
- All single elements are already wired
- Screw type fuse carrier, slotted
- With EMC-shield
- Especially for applications in rough environments
- Suitable for use in equipment according to IEC/UL 60950
Suitable for use in medical equipment according to IEC/UL 60601-1
Other versions on request
- With solder terminals
- Class X1- and Y1-capacitors for enhanced withstand voltage
- Medical version M80
- Additional factory-mounted sealing (IP54) of power input
- Version with current rating 3 A
Weblinks
pdf-datasheet, html-datasheet, General Product Information, Approvals,
CE declaration of conformity, RoHS, CHINA-RoHS, REACH, Mating
Connectors, e-Shop, SCHURTER-Stock-Check, Distributor-Stock-
Check, CAD-Drawings, Accessories, Wire Harnessing, Detailed request
for product
Newly available variants corresponding to V-Lock mating cordset. The connector is equipped with a notch intended for use with the latching cordset.
The cord latching system prevents against accidental removal of the cordset.
Newly available variants corresponding to V-Lock mating cordset. The connector is equipped with a notch intended for use with the latching cordset.
The cord latching system prevents against accidental removal of the cordset.
Technical Data
Ratings IEC
1 - 8 A @ Ta 40 °C / 250 VAC; 50 Hz
Ratings UL/CSA
1 - 8 A @ Ta 40 °C / 125 VAC; 60 Hz
Leakage Current
standard < 0.5 mA (250 V / 60 Hz)
medical < 5 µA (250 V / 60 Hz)
Dielectric Strength
> 1.7 kVDC between L-N
> 2.7 kVDC between L/N-PE
Test voltage (2 sec)
Allowable Operation Temp.
-25 °C to 85 °C
Climatic Category
25/085/21 acc. to IEC 60068-1
Degree of Protection
from front side IP 65 acc. to IEC 60529
from rear-side IP 65 acc. to IEC 60529
Protection Class
Suitable for appliances with protection
class I or II acc. to IEC 61140
Terminal
Quick connect terminals 6.3 x 0.8 mm
Panel Thickness s
Screw, max 3 mm
Mounting screw torque max 0.8 Nm
2 screws M3 with sealing are provided
Material: Housing
black / white / metallic, UL 94V-0
Appliance-Inlet/-Outlet
C14 / C18 acc. to IEC 60320-1
UL 498, CSA C22.2 no. 42 (for cold
conditions) pin-temperature 70 °C, 8 A,
Protection Class I or II
Fuseholder
1 or 2 pole, Shocksafe category PC2
acc. to IEC 60127-6,
for fuse-links 5 x 20 mm
Rated Power Acceptance @
Ta 23 °C
5 x 20: 1.6 W 1-pole/ 1,2 W 2-pole per
pole
Power Acceptance @ Ta >
23°C
Admissible power acceptance at higher
ambient temperature see derating cur-
ves
Line Filter
Standard and Medical Version, IEC
60939, UL 1283, CSA C22.2 no. 8
Technical Details
MTBF
> 2'800'000 h acc. to MIL-HB-217 F


Similar Part No. - 5707.0401.313

ManufacturerPart #DatasheetDescription
logo
Altech corporation
5707.2 ALTECH-5707.2 Datasheet
85Kb / 2P
   INTERFACES CONNECTOR-TO-WIRE Ribbon Cable Module 35 or 32mm DIN Rail
More results

Similar Description - 5707.0401.313

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6100.3200 SCHURTER-6100.3200 Datasheet
449Kb / 3P
   Screw-on mounting from front or rear-side
C22F SCHURTER-C22F Datasheet
796Kb / 4P
   Panel Mount Screw-on from front side
0183 SCHURTER-0183_14 Datasheet
172Kb / 2P
   IEC Appliance Inlet C16A, Screw-on Mounting, Front or Rear Side, Quick-connect or Screw-on Terminal
0183 SCHURTER-0183 Datasheet
291Kb / 2P
   IEC Appliance Inlet C16A, Screw-on Mounting, Front or Rear Side, Quick-connect or Screw-on Terminal
0163 SCHURTER-0163_13 Datasheet
309Kb / 2P
   IEC Appliance Inlet C16, Screw-on Mounting, Front or Rear Side, Quick-connect or Screw-on Terminal
0163 SCHURTER-0163 Datasheet
325Kb / 2P
   IEC Appliance Inlet C16, Screw-on Mounting, Front or Rear Side, Quick-connect or Screw-on Terminal
6049 SCHURTER-6049_V01 Datasheet
281Kb / 3P
   IEC Appliance Inlet C14, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect or Screw-on Terminal
6049 SCHURTER-6049 Datasheet
375Kb / 3P
   IEC Appliance Inlet C14, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect or Screw-on Terminal
6048 SCHURTER-6048 Datasheet
387Kb / 3P
   IEC Appliance Inlet C14, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect or Screw-on Terminal
5082 SCHURTER-5082 Datasheet
315Kb / 2P
   IEC Appliance Outlet D, Screw-on Mounting, Front or Rear Side, Solder Terminal
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com