Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1T97FHX Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # 74AUP1T97FHX
Description  Low Power Configurable Gate with Voltage-Level Translator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AUP1T97FHX Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button 74AUP1T97FHX Datasheet HTML 3Page - Fairchild Semiconductor 74AUP1T97FHX Datasheet HTML 4Page - Fairchild Semiconductor 74AUP1T97FHX Datasheet HTML 5Page - Fairchild Semiconductor 74AUP1T97FHX Datasheet HTML 6Page - Fairchild Semiconductor 74AUP1T97FHX Datasheet HTML 7Page - Fairchild Semiconductor 74AUP1T97FHX Datasheet HTML 8Page - Fairchild Semiconductor 74AUP1T97FHX Datasheet HTML 9Page - Fairchild Semiconductor 74AUP1T97FHX Datasheet HTML 10Page - Fairchild Semiconductor 74AUP1T97FHX Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AUP1T97 • 1.0.3
8
AC Loadings and Waveforms
Figure 10.
AC Test Circuit
Figure 11.
AC Waveforms
Symbol
VCC
3.3V ± 0.3V
2.5V ± 0.2V
Vmi
VIN/2
VIN/2
Vmo
VCC/2
VCC/2


Similar Part No. - 74AUP1T97FHX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74AUP1T97FHX ONSEMI-74AUP1T97FHX Datasheet
559Kb / 13P
   Low Power Configurable Gate
October 2010 Rev. 1.0.3
74AUP1T97FHX ONSEMI-74AUP1T97FHX Datasheet
315Kb / 10P
   TinyLogic Low Power Configurable Gate with Voltage-Level Translator
June 2022 ??Rev. 2
More results

Similar Description - 74AUP1T97FHX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1T58 NXP-74AUP1T58 Datasheet
101Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 02-29 September 2009
logo
Nexperia B.V. All right...
74AUP1T97-Q100 NEXPERIA-74AUP1T97-Q100 Datasheet
235Kb / 15P
   Low-power configurable gate with voltage-level translator
Rev. 3 - 27 January 2022
74AUP1T58 NEXPERIA-74AUP1T58 Datasheet
267Kb / 18P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 26 January 2022
logo
NXP Semiconductors
74AUP1T97 NXP-74AUP1T97 Datasheet
89Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 01-25 October 2007
logo
Nexperia B.V. All right...
74AUP1T98-Q100 NEXPERIA-74AUP1T98-Q100 Datasheet
225Kb / 14P
   Low-power configurable gate with voltage-level translator
74AUP1T57 NEXPERIA-74AUP1T57 Datasheet
265Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 26 January 2022
logo
NXP Semiconductors
74AUP1T57 NXP-74AUP1T57 Datasheet
102Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 02-3 August 2009
logo
Nexperia B.V. All right...
74AUP1T97 NEXPERIA-74AUP1T97 Datasheet
280Kb / 19P
   Low-power configurable gate with voltage-level translator
Rev. 8 - 27 January 2022
logo
NXP Semiconductors
74AUP1T98 NXP-74AUP1T98 Datasheet
99Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 01-6 March 2008
logo
Nexperia B.V. All right...
74AUP1T98 NEXPERIA-74AUP1T98 Datasheet
263Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 27 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com