Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX17 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # BCX17
Description  PNP General-Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BCX17 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  BCX17 Datasheet HTML 1Page - Fairchild Semiconductor BCX17 Datasheet HTML 2Page - Fairchild Semiconductor BCX17 Datasheet HTML 3Page - Fairchild Semiconductor BCX17 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BCX17 Rev. 1.1.0
1
March 2014
BCX17
PNP General-Purpose Amplifier
Ordering Information
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TC = 25°C unless otherwise noted.
Part Number
Marking
Package
Packing Method
BCX17
T1
SOT-23 3L
Tape and Reel
Symbol
Parameter
Value
Unit
VCEO
Collector-Emitter Voltage
-45
V
VCBO
Collector-Base Voltage
-50
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current - Continuous
-500
mA
TJ , TSTG
Junction and Storage Temperature Range
-55 to +150
°C
Description
This device is designed for general-purpose amplifiers
and switching applications at currents to 0.5 A.
Sourced from process 78.
SOT-23
1. Base 2. Emitter 3. Collector
1
2
3
Mark: T1


Similar Part No. - BCX17

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Nexperia B.V. All right...
BCX17 NEXPERIA-BCX17 Datasheet
302Kb / 8P
   PNP general purpose transistors
2004 Jan 16
logo
Zetex Semiconductors
BCX17 ZETEX-BCX17 Datasheet
37Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diotec Semiconductor
BCX17 DIOTEC-BCX17 Datasheet
176Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Fairchild Semiconductor
BCX17 FAIRCHILD-BCX17 Datasheet
45Kb / 3P
   PNP General Purpose Amplifier
More results

Similar Description - BCX17

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com