Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU406TU Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # BU406TU
Description  NPN Epitaxial Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BU406TU Datasheet(HTML) 2 Page - Fairchild Semiconductor

  BU406TU Datasheet HTML 1Page - Fairchild Semiconductor BU406TU Datasheet HTML 2Page - Fairchild Semiconductor BU406TU Datasheet HTML 3Page - Fairchild Semiconductor BU406TU Datasheet HTML 4Page - Fairchild Semiconductor BU406TU Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© 2000 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BU406 Rev. 1.2.1
2
Electrical Characteristics
Values are at TC = 25°C unless otherwise noted.
Symbol
Parameter
Test Condition
Min.
Max.
Units
ICES
Collector Cut-Off Current
VCE = 400 V, VBE = 0
5
mA
VCE = 250 V, VBE = 0
100
μA
VCE = 250 V, VBE = 0
at TC = 150°C
1
mA
IEBO
Emitter Cut-Off Current
VBE = 6 V, IC = 0
1
mA
VCE(sat) Collector-Emitter Saturation Voltage
IC = 5 A, IB = 0.5 A
1
V
VBE(sat) Base-Emitter Saturation Voltage
IC = 5 A, IB = 0.5 A
1.2
V
fT
Current Gain Bandwidth Product
VCE = 10 V, IC = 0.5 A
10
MHz
tOFF
Turn-Off Time
IC = 5 A, IB = 0.5 A
0.75
μs


Similar Part No. - BU406TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BU406TU FAIRCHILD-BU406TU Datasheet
135Kb / 4P
   NPN Epitaxial Silicon Transistor
BU406TU FAIRCHILD-BU406TU Datasheet
628Kb / 1P
   FAIRCHILD Small Signal Transistors
More results

Similar Description - BU406TU

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com