Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPT8320 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPT8320
Description  OPT8320 3D Time-of-Flight Sensor
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPT8320 Datasheet(HTML) 5 Page - Texas Instruments

  OPT8320 Datasheet HTML 1Page - Texas Instruments OPT8320 Datasheet HTML 2Page - Texas Instruments OPT8320 Datasheet HTML 3Page - Texas Instruments OPT8320 Datasheet HTML 4Page - Texas Instruments OPT8320 Datasheet HTML 5Page - Texas Instruments OPT8320 Datasheet HTML 6Page - Texas Instruments OPT8320 Datasheet HTML 7Page - Texas Instruments OPT8320 Datasheet HTML 8Page - Texas Instruments OPT8320 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 88 page
background image
OPT8320
www.ti.com
SBAS748 – DECEMBER 2015
Pin Functions (continued)
PIN
I/O
I/O
VOLTAGE
DESCRIPTION
NAME
NO.
DOMAIN
TP1
12
Passive
IOVDD
Test point 1
TP2
11
Passive
IOVDD
Test point 2
VD
27
Output
IOVDD
Indicates the frame boundary
VD_IN
20
Input
IOVDD
External sync input
VSS_CDRIV
46
Power
Illumination current driver ground
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
IOVDD
Digital I/O supply
–0.3
4.0
V
AVDDH
Analog supply
–0.3
4.0
V
DVDDH
Digital I/O supply
–0.3
4.0
V
PVDD
Pixel supply
–0.3
4.0
V
AVDD
Analog supply
–0.3
2.2
V
VMIXH
Mix supply
–0.3
2.5
V
DVDD
Digital supply
–0.3
2.2
V
AVDD_PLL
PLL supply
–0.3
2.2
V
VI
Input voltage at input pins
–0.3
VCC + 0.3(2)
V
TJ
Operating junction temperature
0
125
°C
Tstg
Storage temperature
–40
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
VCC refers to the I/O bank voltage.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±250
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
IOVDD
Digital I/O supply
1.7
1.8 to 3.3
3.6
V
AVDDH
Analog supply
3.0
3.3
3.6
V
DVDDH
Digital I/O supply
3.0
3.3
3.6
V
PVDD
Pixel supply
2.4
3.3
3.6
V
AVDD
Analog supply
1.7
1.8
1.9
V
VMIXH
Mix supply
0.8
1.5
2.0
V
DVDD
Digital supply
1.7
1.8
1.9
V
AVDD_PLL
PLL supply
1.7
1.8
1.9
V
VDRV
MOD_CDRIV pin voltage
0.7
3.3
V
TA
Operating ambient temperature
0
70
°C
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: OPT8320


Similar Part No. - OPT8320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT8320 TI-OPT8320 Datasheet
563Kb / 12P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
OPT8320NBP TI-OPT8320NBP Datasheet
563Kb / 12P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
OPT8320NBPL TI-OPT8320NBPL Datasheet
563Kb / 12P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
OPT8320 TI-OPT8320_V01 Datasheet
563Kb / 12P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
More results

Similar Description - OPT8320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT8320 TI-OPT8320_V01 Datasheet
563Kb / 12P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
OPT8241 TI1-OPT8241_17 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
OPT8241 TI-OPT8241_15 Datasheet
1Mb / 34P
[Old version datasheet]   OPT8241 3D Time-of-Flight Sensor
logo
Banner Engineering Corp...
ZMX BANNER-ZMX Datasheet
550Kb / 5P
   ZMX Series 3D Time of Flight Sensor
9 February 2023
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
   Time-of-Flight Sensor
v2-00 2023-Feb-21
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
   Time-of-Flight Sensor
2019-July-22
logo
Melexis Microelectronic...
MLX75023 MELEXIS-MLX75023 Datasheet
1Mb / 27P
   Time-of-Flight Sensor Array
logo
List of Unclassifed Man...
TOF400F ETC-TOF400F Datasheet
4Mb / 13P
   Time-of-Flight ranging Sensor-4M
logo
STMicroelectronics
VL53L4CD STMICROELECTRONICS-VL53L4CD Datasheet
2Mb / 37P
   Time-of-Flight high accuracy proximity sensor
June 2022 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com