Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OHD5R-45B Datasheet(PDF) 4 Page - Kemet Corporation

Part # OHD5R-45B
Description  High reliability for on/off operations
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

OHD5R-45B Datasheet(HTML) 4 Page - Kemet Corporation

  OHD5R-45B Datasheet HTML 1Page - Kemet Corporation OHD5R-45B Datasheet HTML 2Page - Kemet Corporation OHD5R-45B Datasheet HTML 3Page - Kemet Corporation OHD5R-45B Datasheet HTML 4Page - Kemet Corporation OHD5R-45B Datasheet HTML 5Page - Kemet Corporation OHD5R-45B Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
SE0202_OHD • 10/15/2015
Sensors – OHD™ Series Thermal Guard
Table 1 – Ratings & Part Number Reference cont’d
Precautions
Before Using Thermal Guard
• Please read specifications and check the content thoroughly before the actual use.
• Do NOT use product under mechanical weight load.
• Do NOT use with a greater load than specified.
• Do NOT use in close proximity to strong magnetic parts and avoid exposure to a magnetic field.
• Do NOT use if dropped or severely shocked.
• The OHD1 and OHD5R are designed for printed circuit board insertion. The OHD3 is a reed wire soldered type.
Part Number
Operating
Temp. (°C)
Contact Type
Maximum
Opening/
Closing
Voltage (V)
Maximum
Opening/
Closing
Current (A)
Maximum
Opening/
Closing
Power (W)
Minimum
Opening/
Closing
Current
Maximum
Contact
Resistance
(mΩ)
OHD3-60B
60
Break
100 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD3-65B
65
Break
100 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD3-70B
70
Break
100 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD3-75B
75
Break
100 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD3-80B
80
Break
100 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD3-85B
85
Break
100 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD3-90B
90
Break
100 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD3-95B
95
Break
100 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD3-100B
100
Break
100 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD3-105B
105
Break
100 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD3-110B
110
Break
100 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD3-115B
115
Break
100 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD3-120B
120
Break
100 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD5R-60B
60
Break
30 DC
0.1 DC
1 DC
0.1 mA / 1 VDC
300
OHD5R-65B
65
Break
30 DC
0.1 DC
1 DC
0.1 mA / 1 VDC
300
OHD5R-70B
70
Break
30 DC
0.1 DC
1 DC
0.1 mA / 1 VDC
300
OHD5R-75B
75
Break
30 DC
0.1 DC
1 DC
0.1 mA / 1 VDC
300
OHD5R-80B
80
Break
30 DC
0.1 DC
1 DC
0.1 mA / 1 VDC
300
OHD5R-85B
85
Break
30 DC
0.1 DC
1 DC
0.1 mA / 1 VDC
300
OHD5R-90B
90
Break
30 DC
0.1 DC
1 DC
0.1 mA / 1 VDC
300
OHD5R-95B
95
Break
30 DC
0.1 DC
1 DC
0.1 mA / 1 VDC
300
OHD5R-100B
100
Break
30 DC
0.1 DC
1 DC
0.1 mA / 1 VDC
300
OHD5R-105B
105
Break
30 DC
0.1 DC
1 DC
0.1 mA / 1 VDC
300
OHD5R-110B
110
Break
30 DC
0.1 DC
1 DC
0.1 mA / 1 VDC
300
OHD5R-115B
115
Break
30 DC
0.1 DC
1 DC
0.1 mA / 1 VDC
300
OHD5R-120B
120
Break
30 DC
0.1 DC
1 DC
0.1 mA / 1 VDC
300
Part Number
Operating
Temperature (°C)
Contact Type
Maximum Opening/
Closing Voltage (V)
Maximum Opening/
Closing Current (A)
Maximum Opening/
Closing Power (W)
Minimum Opening/
Closing Current
Maximum Contact
Resistance (mΩ)


Similar Part No. - OHD5R-45B

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
OHD5R-45B KEMET-OHD5R-45B Datasheet
576Kb / 12P
   Thermal Sensors
11/2/2021
More results

Similar Description - OHD5R-45B

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS5SP512K18 MICROSS-AS5SP512K18 Datasheet
750Kb / 13P
   On chip address counter for Burst operations
logo
Marl International Limi...
676-501-2112 MARL-676-501-2112_15 Datasheet
421Kb / 4P
   Smoked lens for high on/ off contrast ratio
677-501-2112 MARL-677-501-2112_15 Datasheet
459Kb / 5P
   Smoked lens for high on/ off contrast ratio
logo
TOKO, Inc
TK15402 TOKO-TK15402 Datasheet
63Kb / 8P
   Active High ON/OFF Control
logo
Festo Corporation.
197129 FESTO-197129 Datasheet
85Kb / 1P
   On off valve
4/1/22
153297 FESTO-153297 Datasheet
93Kb / 1P
   On off valve
4/13/22
153480 FESTO-153480 Datasheet
102Kb / 1P
   On off valve
4/13/22
153982 FESTO-153982 Datasheet
101Kb / 1P
   On off valve
4/13/22
190870 FESTO-190870 Datasheet
102Kb / 1P
   On off valve
4/13/22
197131 FESTO-197131 Datasheet
85Kb / 1P
   On off valve
4/1/22
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com