Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPT8320NBP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPT8320NBP
Description  OPT8320 3D Time-of-Flight Sensor
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPT8320NBP Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPT8320NBP Datasheet HTML 4Page - Texas Instruments OPT8320NBP Datasheet HTML 5Page - Texas Instruments OPT8320NBP Datasheet HTML 6Page - Texas Instruments OPT8320NBP Datasheet HTML 7Page - Texas Instruments OPT8320NBP Datasheet HTML 8Page - Texas Instruments OPT8320NBP Datasheet HTML 9Page - Texas Instruments OPT8320NBP Datasheet HTML 10Page - Texas Instruments OPT8320NBP Datasheet HTML 11Page - Texas Instruments OPT8320NBP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 88 page
background image
Output Clock
(OP_CLK)
Output Clock
(OP_CLK)
Output Data
(OP_DATAn)
Output Data
(OP_DATAn)
tSU
tSU
Dn
tH
tH
OPT8320
SBAS748 – DECEMBER 2015
www.ti.com
6.8 Optical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Glass side
Top
Side
0° incident angle
813 to 893
nm
Passband
(50% relative transmittance(1))
30° incident angle
798 to 877
nm
0° incident angle
830 to 881
nm
Passband
(90% relative transmittance(1))
30° incident angle
838 to 867
nm
AOI
Recommended angle of incidence
0
35
Degrees
0° incident angle
87.34% at 863
nm
Maximum absolute transmittance
30° incident angle
81.89% at 855
nm
(1)
Relative transmittance is a ratio of transmittance to maximum absolute transmittance at the same angle of incidence.
NOTE: In SSI output mode, clock polarity is inverted when compared to DVP mode.
Figure 1. Output Block Timing Diagram
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: OPT8320


Similar Part No. - OPT8320NBP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT8320NBP TI-OPT8320NBP Datasheet
563Kb / 12P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
OPT8320NBPL TI-OPT8320NBPL Datasheet
563Kb / 12P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
More results

Similar Description - OPT8320NBP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT8320 TI-OPT8320_V01 Datasheet
563Kb / 12P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
OPT8241 TI1-OPT8241_17 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
OPT8241 TI-OPT8241_15 Datasheet
1Mb / 34P
[Old version datasheet]   OPT8241 3D Time-of-Flight Sensor
logo
Banner Engineering Corp...
ZMX BANNER-ZMX Datasheet
550Kb / 5P
   ZMX Series 3D Time of Flight Sensor
9 February 2023
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
   Time-of-Flight Sensor
v2-00 2023-Feb-21
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
   Time-of-Flight Sensor
2019-July-22
logo
Melexis Microelectronic...
MLX75023 MELEXIS-MLX75023 Datasheet
1Mb / 27P
   Time-of-Flight Sensor Array
logo
List of Unclassifed Man...
TOF400F ETC-TOF400F Datasheet
4Mb / 13P
   Time-of-Flight ranging Sensor-4M
logo
STMicroelectronics
VL53L4CD STMICROELECTRONICS-VL53L4CD Datasheet
2Mb / 37P
   Time-of-Flight high accuracy proximity sensor
June 2022 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com