Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OHD5R-65M Datasheet(PDF) 2 Page - Kemet Corporation

Part # OHD5R-65M
Description  High reliability for on/off operations
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

OHD5R-65M Datasheet(HTML) 2 Page - Kemet Corporation

  OHD5R-65M Datasheet HTML 1Page - Kemet Corporation OHD5R-65M Datasheet HTML 2Page - Kemet Corporation OHD5R-65M Datasheet HTML 3Page - Kemet Corporation OHD5R-65M Datasheet HTML 4Page - Kemet Corporation OHD5R-65M Datasheet HTML 5Page - Kemet Corporation OHD5R-65M Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
SE0202_OHD • 10/15/2015
Sensors – OHD™ Series Thermal Guard
Dimensions in mm
18.0
45.0 Maximum
Mounting
surface
Marked surface
5.5
6.1
8.0
Mounting
surface
Mounting
surface
φ
3.3
27.0 Maximum
φ
6.2
φ
3.2
23.0
12.5 Maximum
6.0
3.0 Minimum
0.5
3.7
5.0
2.65
2.65
0.3
5.08
0.5
φ
3.2
6.7
OHD1
OHD1 Mounting Bracket
OHD3
OHD5R
*Mounting brackets exclusively
for the OHD1 type are provided
optionally (at separate cost).
Environmental Compliance
All OHD sensors are RoHS compliant.
Insulation and Temperature Characteristics
Series
Insulation
Withstand
Voltage1
Minimum
Insulation
Resistance1
Operating
Temperature
Range (°C)
Differential
Temperature
(°C)2
OHD1
2,500 VAC/1 minute or
3,000 VAC/1 second
500 VDC to 100 MΩ
30 – 120
10 Maximum
OHD3
OHD5R
1,500 VAC /1 minute or
1,800 VAC /1 second
60 – 120
1
Between terminals and mounting resin surface.
2
The differential temperature is also referred to as the hysteresis temperature on thermal sensors.


Similar Part No. - OHD5R-65M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
OHD5R-65M KEMET-OHD5R-65M Datasheet
576Kb / 12P
   Thermal Sensors
11/2/2021
More results

Similar Description - OHD5R-65M

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS5SP512K18 MICROSS-AS5SP512K18 Datasheet
750Kb / 13P
   On chip address counter for Burst operations
logo
Marl International Limi...
676-501-2112 MARL-676-501-2112_15 Datasheet
421Kb / 4P
   Smoked lens for high on/ off contrast ratio
677-501-2112 MARL-677-501-2112_15 Datasheet
459Kb / 5P
   Smoked lens for high on/ off contrast ratio
logo
TOKO, Inc
TK15402 TOKO-TK15402 Datasheet
63Kb / 8P
   Active High ON/OFF Control
logo
Festo Corporation.
197129 FESTO-197129 Datasheet
85Kb / 1P
   On off valve
4/1/22
153297 FESTO-153297 Datasheet
93Kb / 1P
   On off valve
4/13/22
153480 FESTO-153480 Datasheet
102Kb / 1P
   On off valve
4/13/22
153982 FESTO-153982 Datasheet
101Kb / 1P
   On off valve
4/13/22
190870 FESTO-190870 Datasheet
102Kb / 1P
   On off valve
4/13/22
197131 FESTO-197131 Datasheet
85Kb / 1P
   On off valve
4/1/22
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com