Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6173.0011 Datasheet(PDF) 4 Page - Schurter Inc.

Part # 6173.0011
Description  IEC Appliance Inlet C22, for very hot conditions 155째C, Screw-on or Snap-in Mounting, Front Side
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

6173.0011 Datasheet(HTML) 4 Page - Schurter Inc.

  6173.0011 Datasheet HTML 1Page - Schurter Inc. 6173.0011 Datasheet HTML 2Page - Schurter Inc. 6173.0011 Datasheet HTML 3Page - Schurter Inc. 6173.0011 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Connectors (Inlets/Outlets)
1681
www.schurter.com/PG07
Connectors
1681-X-9990-A-415
1681, IEC Appliance Inlet C22, 155°C, version: I, L: Blade terminal (6.3 x 0.8 mm), N: Blade terminal (6.3 x 0.8 mm), ground: Blade
terminal (6.3 x 0.8 mm), color: Black, design: snap-in (s=panel thickness), dimension S: 15
6173.0020
1681-X-9990-A-420
1681, IEC Appliance Inlet C22, 155°C, version: I, L: Blade terminal (6.3 x 0.8 mm), N: Blade terminal (6.3 x 0.8 mm), ground: Blade
terminal (6.3 x 0.8 mm), color: Black, design: snap-in (s=panel thickness), dimension S: 20
6173.0021
1681-X-9990-A-425
1681, IEC Appliance Inlet C22, 155°C, version: I, L: Blade terminal (6.3 x 0.8 mm), N: Blade terminal (6.3 x 0.8 mm), ground: Blade
terminal (6.3 x 0.8 mm), color: Black, design: snap-in (s=panel thickness), dimension S: 25
6173.0022
1681-X-9990-A-430
1681, IEC Appliance Inlet C22, 155°C, version: I, L: Blade terminal (6.3 x 0.8 mm), N: Blade terminal (6.3 x 0.8 mm), ground: Blade
terminal (6.3 x 0.8 mm), color: Black, design: snap-in (s=panel thickness), dimension S: 30
6173.0023
The listet variants should be available from stock Other versions on request www.schurter.com/contact
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
Packaging unit
50 Pcs
Accessories
Description
Cord retaining kits
Cord retaining strain relief
Mating Outlets/Connectors
Category / Description
Connector Overview complete
IEC Connector C21, for very hot conditions 155°C, Rewireable, Straight
1658
IEC Connector C21, for very hot conditions 155°C, Rewireable, Angled
1659
Connector further types to 1681
Interconnection Cord Overview complete
Cord Sets 16 A, IEC Connector, 2.0 m, Connector IEC C21, cord end:
6051.5003
Interconnection Cord further types to 1681
Power Supply Cord Overview complete
Cord Sets 16 A, Europlug, 2.5 m, Connector IEC C21, cord end:
6051.5001
Cord Sets 16 A, North America, 2.5 m, Connector IEC C21, cord end:
6051.5002
Power Supply Cord further types to 1681
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 6173.0011

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6173.0011 SCHURTER-6173.0011 Datasheet
272Kb / 4P
   IEC Appliance Inlet C22, for very hot conditions, Screw-on or Snap-in Mounting, Front Side
6173.0011 SCHURTER-6173.0011 Datasheet
351Kb / 6P
   IEC Appliance Inlet C22, for very hot conditions 155째C, Screw-on or Snap-in Mounting, Front Side
More results

Similar Description - 6173.0011

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1681 SCHURTER-1681_21 Datasheet
372Kb / 5P
   IEC Appliance Inlet C22, for very hot conditions 155째C, Screw-on or Snap-in Mounting, Front Side
1681 SCHURTER-1681_V01 Datasheet
372Kb / 5P
   IEC Appliance Inlet C22, for very hot conditions 155째C, Screw-on or Snap-in Mounting, Front Side
05.01.2022
1681_1810 SCHURTER-1681_1810 Datasheet
351Kb / 6P
   IEC Appliance Inlet C22, for very hot conditions 155째C, Screw-on or Snap-in Mounting, Front Side
1681 SCHURTER-1681 Datasheet
272Kb / 4P
   IEC Appliance Inlet C22, for very hot conditions, Screw-on or Snap-in Mounting, Front Side
1681 SCHURTER-1681_18 Datasheet
311Kb / 5P
   IEC Appliance Inlet C22, for very hot conditions 155, Screw-on or Snap-in Mounting, Front Side
C22F SCHURTER-C22F_18 Datasheet
537Kb / 5P
   IEC Appliance Inlet C22 for hot Conditions, with Filter for high Temperatures, front side Mounting
C22F SCHURTER-C22F_V01 Datasheet
574Kb / 6P
   IEC Appliance Inlet C22 for hot Conditions, with Filter for high Temperatures, front side Mounting
04.01.2022
0184 SCHURTER-0184 Datasheet
300Kb / 2P
   IEC Appliance Inlet C16A, Snap-in Mounting, Front Side, Quick-connect or Screw-on Terminal
1624 SCHURTER-1624 Datasheet
395Kb / 3P
   IEC Appliance Inlet C20, Snap-in Mounting, Front Side, Solder or Quick-connect or Screw-on Terminal
1061 SCHURTER-1061 Datasheet
406Kb / 3P
   IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder or Quick-connect or Screw-on Terminal
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com