Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA22.8321.11 Datasheet(PDF) 4 Page - Schurter Inc.

Part # DA22.8321.11
Description  IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, for PCB Mounting
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DA22.8321.11 Datasheet(HTML) 4 Page - Schurter Inc.

  DA22.8321.11 Datasheet HTML 1Page - Schurter Inc. DA22.8321.11 Datasheet HTML 2Page - Schurter Inc. DA22.8321.11 Datasheet HTML 3Page - Schurter Inc. DA22.8321.11 Datasheet HTML 4Page - Schurter Inc. DA22.8321.11 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Power Entry Modules with Line Filter
DA22
www.schurter.com/PG06
Connectors
Medical version (M5)
1 A
2 A
4 A
6 A
8 A
10 A
All Variants
Rated current
Filter-Type
Fuseholder
Comment
Order Number
1
Standard Version with Bleed Resistor
1-pole
-
DA22.1111.11
2
Standard Version with Bleed Resistor
1-pole
-
DA22.2111.11
4
Standard Version with Bleed Resistor
1-pole
-
DA22.4111.11
6
Standard Version with Bleed Resistor
1-pole
-
DA22.6111.11
8
Standard Version with Bleed Resistor
1-pole
-
DA22.8111.11
10
Standard Version with Bleed Resistor
1-pole
1)
DA22.9111.11
1
Standard Version with Bleed Resistor
2-pole
-
DA22.1121.11
2
Standard Version with Bleed Resistor
2-pole
-
DA22.2121.11
4
Standard Version with Bleed Resistor
2-pole
-
DA22.4121.11
6
Standard Version with Bleed Resistor
2-pole
-
DA22.6121.11
8
Standard Version with Bleed Resistor
2-pole
-
DA22.8121.11
10
Standard Version with Bleed Resistor
2-pole
1)
DA22.9121.11
1
Medical Version (M5)
2-pole
-
DA22.1321.11
2
Medical Version (M5)
2-pole
-
DA22.2321.11
4
Medical Version (M5)
2-pole
-
DA22.4321.11
6
Medical Version (M5)
2-pole
-
DA22.6321.11
8
Medical Version (M5)
2-pole
-
DA22.8321.11
10
Medical Version (M5)
2-pole
1)
DA22.9321.11
Availability for all products can be searched real-time:http://www.schurter.com/en/Stock-Check/Stock-
Check-SCHURTER
1) UL approvals: versions with 1-pole fuseholder are approved up to 10 A, 2-pole versions up to 8 A.
Packaging unit
20 Pcs
Required Accessory
Description
Fusedrawer 2
Fusedrawer für Fuse Links 5x20 mm, with or without Voltage Selector Insert
Fingergrip, 2-pole
4301.1401
Extra-Safe, 2-pole
4301.1403
Fingergrip, 1-pole
4301.1405
Extra-Safe, 1-pole
4301.1407
...


Similar Part No. - DA22.8321.11

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DA22.8321.11 SCHURTER-DA22.8321.11 Datasheet
903Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, for PCB Mounting
More results

Similar Description - DA22.8321.11

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DA22 SCHURTER-DA22 Datasheet
903Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, for PCB Mounting
DA22 SCHURTER-DA22_18 Datasheet
579Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, for PCB Mounting
DA22 SCHURTER-DA22_V01 Datasheet
613Kb / 7P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, for PCB Mounting
04.01.2022
43013211 SCHURTER-43013211 Datasheet
541Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole for PCB
KEA-PRINT SCHURTER-KEA-PRINT Datasheet
449Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole for PCB
KEA-PRINT SCHURTER-KEA-PRINT_V01 Datasheet
469Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole for PCB
08.12.2021
KFC SCHURTER-KFC_17 Datasheet
612Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
KEA-PRINT SCHURTER-KEA-PRINT_18 Datasheet
463Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole for PCB
5220 SCHURTER-5220_V01 Datasheet
613Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
5220 SCHURTER-5220_17 Datasheet
591Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com