Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-105 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SG-105
Description  Photointerrupters(Reflective)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SG-105 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SG-105 Datasheet HTML 1Page - KODENSHI_AUK CORP. SG-105 Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KODENSHI
- 1-
SG-105
Forward voltage
Input
Reverse current
Peak wavelength
Output
Collector dark current
Ligh current
Leakage current
Switching Rise time
speeds
Fall time
The SG-105 reflective sensor combines a GaAs IRED
with a high-sensitivity phototransistor in a super-mini
package, reducing installation space.
FEATURES
•Compact
•High performance
•High-speed response
•Easy to mount on P.C.B.
•Widely applicable
APPLICATIONS
•Timing sensors
•Edge sensors
•Micro floppy disk drives
•Level sensors of liquid
DIMENSIONS
(Unit : mm)
(Ta=25℃)
ELECTRO-OPTICAL CHARACTERISTICS
IF=10mA
VR=5V
VCE=10V
VCE=5V, IF=10mA
VCE=5V, IF=10mA
VCC=2V, IC=100μA
RL=1KΩ
Item
Typ.
940
30
25
VF
IR
λp
ICEO
IL
ICEOD
tr
tf
90
1.3
10
0.2
0.2
V
μA
nm
μA
μA
μA
μsec.
μsec.
Symbol
Conditions
Min.
Max.
Unit.
Rating
Symbol
Item
MAXIMUM RATINGS
PD
VR
IF
IFP
PC
IC
VCEO
VECO
Topr.
Tstg
Tsol.
75
5
50
1
50
20
30
3
-20~+85
-30~+100
240
mW
V
mA
A
mW
mA
V
V
Unit
(Ta=25℃)
*1.tw≦100 μ
sec.period :T=10msec.
*2. For MAX. 5 seconds at the position of 2mm from the package
Power dissipation
Reverse voltage
Forward current
Pulse forward current
*1
Collector power dissipation
Collector current
C-E voltage
E-C voltage
Operating temp.
Storage temp.
Soldering temp.
*2
Input
Output
Photointerrupters(Reflective)


Similar Part No. - SG-105

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SG-105 KODENSHI-SG-105 Datasheet
84Kb / 2P
   PHOTOINTERRUPTERS
SG-105F KODENSHI-SG-105F Datasheet
284Kb / 2P
   Photointerrupters(Reflective)
SG-105F KODENSHI-SG-105F Datasheet
88Kb / 2P
   PHOTOINTERRUPTERS
SG-105F KODENSHI-SG-105F Datasheet
82Kb / 2P
   PHOTOINTERRUPTERS
SG-105F3 KODENSHI-SG-105F3 Datasheet
82Kb / 2P
   PHOTOINTERRUPTERS
More results

Similar Description - SG-105

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SG-2BC KODENSHI-SG-2BC Datasheet
284Kb / 2P
   Photointerrupters(Reflective)
SG-107F3 KODENSHI-SG-107F3 Datasheet
284Kb / 2P
   Photointerrupters(Reflective)
SG-105F KODENSHI-SG-105F Datasheet
284Kb / 2P
   Photointerrupters(Reflective)
DG-105 KODENSHI-DG-105 Datasheet
232Kb / 2P
   Photointerrupters(Reflective)
SG-112 KODENSHI-SG-112 Datasheet
274Kb / 2P
   Photointerrupters(Reflective)
SG-103 KODENSHI-SG-103 Datasheet
223Kb / 2P
   Photointerrupters(Reflective)
SG-107 KODENSHI-SG-107 Datasheet
279Kb / 2P
   Photointerrupters(Reflective)
SG-107F4 KODENSHI-SG-107F4 Datasheet
285Kb / 2P
   Photointerrupters(Reflective)
SG-113 KODENSHI-SG-113 Datasheet
171Kb / 2P
   Photointerrupters(Reflective)
logo
Lite-On Technology Corp...
LTH-209-01 LITEON-LTH-209-01 Datasheet
347Kb / 4P
   Reflective Photointerrupters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com