Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5776 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN5776
Description  Synchronous Boost and Series / Parallel 10-LED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5776 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN5776 Datasheet HTML 1Page - Fairchild Semiconductor FAN5776 Datasheet HTML 2Page - Fairchild Semiconductor FAN5776 Datasheet HTML 3Page - Fairchild Semiconductor FAN5776 Datasheet HTML 4Page - Fairchild Semiconductor FAN5776 Datasheet HTML 5Page - Fairchild Semiconductor FAN5776 Datasheet HTML 6Page - Fairchild Semiconductor FAN5776 Datasheet HTML 7Page - Fairchild Semiconductor FAN5776 Datasheet HTML 8Page - Fairchild Semiconductor FAN5776 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5776
• Rev. 1.1.0
3
Pin Configuration
C1
B1
A1
A2
C3
B3
A3
C2
LED1
SW
EN45
LED4
ISET
B2
VOUT
EN13
VIN
LED2
D1
D3
D2
GND
LED5
LED3
C3
B3
A3
A2
C1
B1
A1
C2
B2
D3
D1
D2
Figure 2.
Top View (Bumps Face Down)
Figure 3.
Bottom View (Bumps Face Up)
Pin Definitions
Pin #
Name
Description
A1
VIN
Input voltage
A2
ISET
The LED current is set by tying this pin through the resistor, RSET, to GND. The resistor value sets
the current for the LED strings.
A3
LED1
LED string #1 output
B1
EN13
Enable/PWM pin for LED1, LED2, and LED3. A logic LOW on this pin turns off the LED drivers in
LED1, LED2, and LED3. The IC goes to shutdown 30 ms after both enable pins (EN13 and EN45)
are set LOW. It is connected to an internal pull-down resistor of 250 k
Ω.
B2
EN45
Enable/PWM pin for LED4 and LED5. A logic LOW on this pin turns off the LED drivers in LED4
and LED5. The IC goes to shutdown 30 ms after both enable pins (EN13 and EN45) are set LOW.
It is connected to an internal pull-down resistor of 250 k
Ω.
B3
LED2
LED string #2 output
C1
GND
Ground. All power and analog signals are referenced to this pin.
C2
LED5
LED string #5 output
C3
LED3
LED string #3 output
D1
SW
Switching Node. Tie inductor L1 from VIN to this pin.
D2
VOUT
Boost output voltage used to supply the LED current sources. This voltage is regulated to the
minimum value required to ensure adequate voltage across all active LED current sources.
D3
LED4
LED string #4 output


Similar Part No. - FAN5776

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5701 FAIRCHILD-FAN5701 Datasheet
1Mb / 12P
   Compact 6-LED Driver for Mobile Platforms
FAN5701UC08X FAIRCHILD-FAN5701UC08X Datasheet
1Mb / 12P
   Compact 6-LED Driver for Mobile Platforms
FAN5701UC15X FAIRCHILD-FAN5701UC15X Datasheet
1Mb / 12P
   Compact 6-LED Driver for Mobile Platforms
FAN5701UC20X FAIRCHILD-FAN5701UC20X Datasheet
1Mb / 12P
   Compact 6-LED Driver for Mobile Platforms
FAN5701UC30X FAIRCHILD-FAN5701UC30X Datasheet
1Mb / 12P
   Compact 6-LED Driver for Mobile Platforms
More results

Similar Description - FAN5776

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3642 TI1-LM3642_15 Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
LM3648 TI1-LM3648 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost LED Flash Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
   1.5A Synchronous Boost LED Flash Driver
logo
Micro Analog systems
MAS6251 MAS-MAS6251 Datasheet
1Mb / 21P
   Piezo and LED Driver with Synchronous Boost DC/DC Converter
logo
Maxim Integrated Produc...
MAX25610A MAXIM-MAX25610A Datasheet
1Mb / 24P
   Synchronous Buck and Buck-Boost LED Driver/DC-DC Converter
Rev 5; 4/19
logo
Linear Technology
LT8391AIFE LINER-LT8391AIFE Datasheet
533Kb / 10P
   60V 2MHz Synchronous Buck-Boost LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3128 FUMAN-A3128 Datasheet
293Kb / 12P
   Asynchronous Boost 10 White LED Driver
logo
Rohm
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
   White LED Driver with Synchronous Boost Converter
logo
Linear Technology
LT3922 LINER-LT3922 Datasheet
895Kb / 8P
   36V 2A Synchronous 2MHz Boost LED Driver
logo
Shenzhen Huazhimei Semi...
HM9293B HMSEMI-HM9293B Datasheet
796Kb / 10P
   Asynchronous boost 10 white LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com