Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN3240TMX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN3240TMX
Description  Smart Dual-Coil Relay Drivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3240TMX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN3240TMX Datasheet HTML 1Page - Fairchild Semiconductor FAN3240TMX Datasheet HTML 2Page - Fairchild Semiconductor FAN3240TMX Datasheet HTML 3Page - Fairchild Semiconductor FAN3240TMX Datasheet HTML 4Page - Fairchild Semiconductor FAN3240TMX Datasheet HTML 5Page - Fairchild Semiconductor FAN3240TMX Datasheet HTML 6Page - Fairchild Semiconductor FAN3240TMX Datasheet HTML 7Page - Fairchild Semiconductor FAN3240TMX Datasheet HTML 8Page - Fairchild Semiconductor FAN3240TMX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3240 • Rev. 1.0.2
3
Block Diagram
OUT1
OUT2
IN1
IN2
VS
EN
5VB
GND
3
4
5
7
100 k
100 k
1
Timer /
Filter /
Protection
TSD
2
Regulator
Osc
8
Internal
Bias
EN
EN
Ref
6
UVLO
Figure 3.
Block Diagram
Pin Definitions
Pin
Name
Pin Description
1
EN
Enable input for both channels. Pull pin LOW to inhibit operation of the drivers. This input
has a precision threshold and comparator input stage.
2
5VB
5 V bypass pin for the internal 5 V regulator that provides power to the IC control circuitry.
3
IN1
Input to driver Channel 1. This input has TTL thresholds.
4
IN2
Input to driver Channel 2. This input has TTL thresholds.
5
OUT2
Relay drive output 2: Open-drain output. HIGH impedance unless required active input(s)
are present and VS is above UVLO threshold.
6
GND
Ground. Common ground reference for input and output circuits.
7
OUT1
Relay drive output 1: Open-drain output. HIGH impedance unless required active input(s)
are present and VS is above UVLO threshold.
8
VS
Supply voltage. Provides power to the device. Usually connected to the bias voltage of the
relay being driven by the device.


Similar Part No. - FAN3240TMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3240TMX FAIRCHILD-FAN3240TMX Datasheet
1Mb / 19P
   The FAN324x family includes dual high-current relay drivers designed to drive dual-coil polarized latching...
logo
ON Semiconductor
FAN3240TMX ONSEMI-FAN3240TMX Datasheet
1Mb / 21P
   Smart Dual-Coil Relay Drivers
May 2014 Rev. 1.0.2
More results

Similar Description - FAN3240TMX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN3240 ONSEMI-FAN3240 Datasheet
1Mb / 21P
   Smart Dual-Coil Relay Drivers
May 2014 Rev. 1.0.2
logo
Texas Instruments
TPS61162D TI-TPS61162D Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Channel WLED Drivers For Smart Phone
TPS61162A TI1-TPS61162A Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel WLED Drivers for Smart Phone
TPS61162D TI1-TPS61162D_16 Datasheet
1Mb / 29P
[Old version datasheet]   Dual-Channel WLED Drivers for Smart Phones
TPS61163 TI-TPS61163 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel WLED Drivers For Smart Phone
TPS61162D_016 TI1-TPS61162D_016 Datasheet
1Mb / 31P
[Old version datasheet]   TPS61162D Dual-Channel WLED Drivers for Smart Phones
TPS61162A TI1-TPS61162A_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6116xA Dual-Channel WLED Drivers For Smart Phones
logo
Toshiba Semiconductor
SSM6N357R TOSHIBA-SSM6N357R Datasheet
457Kb / 9P
   Relay Drivers
logo
Fairchild Semiconductor
FAN3240 FAIRCHILD-FAN3240 Datasheet
1Mb / 19P
   The FAN324x family includes dual high-current relay drivers designed to drive dual-coil polarized latching...
logo
Tyco Electronics
2-1419106-8 MACOM-2-1419106-8 Datasheet
154Kb / 2P
   10 Amp Dual Coil Latching Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com