Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5776UCX Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FAN5776UCX
Description  Synchronous Boost and Series / Parallel 10-LED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5776UCX Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN5776UCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5776UCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5776UCX Datasheet HTML 9Page - Fairchild Semiconductor FAN5776UCX Datasheet HTML 10Page - Fairchild Semiconductor FAN5776UCX Datasheet HTML 11Page - Fairchild Semiconductor FAN5776UCX Datasheet HTML 12Page - Fairchild Semiconductor FAN5776UCX Datasheet HTML 13Page - Fairchild Semiconductor FAN5776UCX Datasheet HTML 14Page - Fairchild Semiconductor FAN5776UCX Datasheet HTML 15Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5776
• Rev. 1.1.0
11
Circuit Description
Overview
The FAN5776 is a 1.8 MHz synchronous step-up DC-DC
converter with integrated constant-current high-side LED
drivers capable of driving one to five LED strings up to 5 x
25 mA LED current.
The device starts when at least one LED string is utilized and
the appropriate EN pin is enabled. The device is disabled in
30 ms by setting both EN pins LOW.
The VOUT voltage is internally set to 290 mV above the highest
LED string voltage, and it is sampled at every falling LED PWM
cycle. For 100% duty cycle, the LED-pin voltage is sampled
and the VOUT voltage is refined every 10 ms.
The LED strings can be disabled by connecting them to VOUT
or shorting them to GND. They can also be left disconnected. If
the LED string is temporarily disabled or shorted, the device
must be re-enabled to enable the string again.
The LED drivers work independently and allow multiple LED
voltages, such that many types of LEDs can be driven at the
same time and some strings can be used to drive a single LED
while other channels are driving two LEDs in series. The VOUT
voltage is defined by the highest LED voltage and the LED
driver dropout voltage is increased to provide the LED string a
specific voltage. If the voltage difference between the LED
strings is large, the system efficiency may decrease.
LED Current
The LED string current is set by the resistor, RSET, between the
ISET and GND pins. The same current is applied to across all
strings such that total output current: IOUT = 5 x ILED = 5 x
20 mA = 100 mA if RSET = 25 kand all LED strings are used.
In general, the LED string current can be calculated as follows:
���������������� =
500
����������������
(1)
Figure 26. LED Current vs. RSET Value
Startup
The three different startup functions depend on the system
configuration:
1.
All LED strings are utilized: Setting one or both EN pins
HIGH enables the device and VOUT rises to 7.5 V.
FAN5776 starts to step up or down to the appropriate
regulated voltage.
2.
At least one LED string in a group is shorted to GND. VOUT
rises to 7.5 V while the shorted LED string is disabled and
the device starts to step up or down to regulated voltage.
3.
At least one LED string is floating or connected to VOUT.
VOUT rises to 9.0 V, the floating LED string is disabled, and
the device starts to step down to regulated voltage.
These functions work for each group independently. If all five
strings are utilized and EN13 is HIGH, VOUT rises to 7.5 V (case
1) and goes to the highest voltage required by LED1-3. Then
EN45 is raised and VOUT is stepped up again to 7.5 V and
regulates to highest voltage required by LED1-5.
If VOUT cannot reach 7.5 V within 1.2 ms after an enable cycle,
the device stays disabled and a new enable cycle is required.
PWM Dimming
A LED PWM signal of 100 Hz to 800 Hz can be applied to
EN13 and EN45 pins to control LED1-3 and LED4-5 light
intensity. The LED current is a linear function of the LED
PWM duty cycle from 100% down to 0.4%. The FAN5776
can be started by a PWM signal with a low duty cycle to
enable smooth startup. EN13 and EN45 pins can be
operated either synchronously or asynchronously, which
makes it possible to use the device to backlight two
separate displays at the same time.
Under-Voltage Lockout (UVLO)
The Under-Voltage Lockout circuitry turns off all MOSFETs and
the device remains in a very low quiescent current state until
VIN has risen above the UVLO threshold.
Short-Circuit Protection (SCP)
The LED driver output current is limited to 0.5 µA or less when
a LED number pin voltage is below 1.0 V. This limit shall be
applied within one LED PWM cycle, or 10 ms, whichever
elapses first.
Over-Voltage Protection (OVP)
When the regulator is active, it monitors the VOUT pin. If the
VOUT voltage reaches 9.0 V, the regulator stops switching until
the capacitor at VOUT discharges below 8.5 V.
LED-Open Detection
If VOUT is detected above >9.0 V, the LED voltages are
scanned. All LED pins with voltage greater than VOUT - 0.5 V
are disabled. If all LED pin
s’ voltages exceed 8.5 V and VOUT is
greater than 9.0 V, device is disabled and a new startup cycle
is required.
Over-Current Protection (OCP)
The PWM converter is protected against overload through
cycle-by cycle current limit using a fixed internal limit.
Thermal Shutdown
When the die temperature exceeds 150°C, reset occurs and
remains in effect until the die cools to 125°C; at which time,
the circuit enters the normal soft-start sequence.
0
5
10
15
20
25
20
40
60
80 100 120 140 160 180 200
Resistor RSET (k)


Similar Part No. - FAN5776UCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5701 FAIRCHILD-FAN5701 Datasheet
1Mb / 12P
   Compact 6-LED Driver for Mobile Platforms
FAN5701UC08X FAIRCHILD-FAN5701UC08X Datasheet
1Mb / 12P
   Compact 6-LED Driver for Mobile Platforms
FAN5701UC15X FAIRCHILD-FAN5701UC15X Datasheet
1Mb / 12P
   Compact 6-LED Driver for Mobile Platforms
FAN5701UC20X FAIRCHILD-FAN5701UC20X Datasheet
1Mb / 12P
   Compact 6-LED Driver for Mobile Platforms
FAN5701UC30X FAIRCHILD-FAN5701UC30X Datasheet
1Mb / 12P
   Compact 6-LED Driver for Mobile Platforms
More results

Similar Description - FAN5776UCX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3642 TI1-LM3642_15 Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
LM3648 TI1-LM3648 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost LED Flash Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
   1.5A Synchronous Boost LED Flash Driver
logo
Micro Analog systems
MAS6251 MAS-MAS6251 Datasheet
1Mb / 21P
   Piezo and LED Driver with Synchronous Boost DC/DC Converter
logo
Maxim Integrated Produc...
MAX25610A MAXIM-MAX25610A Datasheet
1Mb / 24P
   Synchronous Buck and Buck-Boost LED Driver/DC-DC Converter
Rev 5; 4/19
logo
Linear Technology
LT8391AIFE LINER-LT8391AIFE Datasheet
533Kb / 10P
   60V 2MHz Synchronous Buck-Boost LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3128 FUMAN-A3128 Datasheet
293Kb / 12P
   Asynchronous Boost 10 White LED Driver
logo
Rohm
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
   White LED Driver with Synchronous Boost Converter
logo
Linear Technology
LT3922 LINER-LT3922 Datasheet
895Kb / 8P
   36V 2A Synchronous 2MHz Boost LED Driver
logo
Shenzhen Huazhimei Semi...
HM9293B HMSEMI-HM9293B Datasheet
796Kb / 10P
   Asynchronous boost 10 white LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com