Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN41501 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN41501
Description  Ground Fault Interrupter Self-Test Digital Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN41501 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN41501 Datasheet HTML 3Page - Fairchild Semiconductor FAN41501 Datasheet HTML 4Page - Fairchild Semiconductor FAN41501 Datasheet HTML 5Page - Fairchild Semiconductor FAN41501 Datasheet HTML 6Page - Fairchild Semiconductor FAN41501 Datasheet HTML 7Page - Fairchild Semiconductor FAN41501 Datasheet HTML 8Page - Fairchild Semiconductor FAN41501 Datasheet HTML 9Page - Fairchild Semiconductor FAN41501 Datasheet HTML 10Page - Fairchild Semiconductor FAN41501 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
© 2014 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN41501
• 1.0.1
7
Typical Performance Characteristics
Pass testing of all key components. Refer to evaluation board (see www.fairchildsemi.com for details).
Figure 4. Pass GFCI, Sense Coil, Solenoid, SCR
Tests; Ch Math: VAC Input 200 V/Div, Ch3: SCR
Gate, Ch4: Fault Test (Pin 6)
(6)
Figure 5. Pass Simulated Ground Fault Test;
Ch Math: VAC Input 200 V/Div, Ch3: SCR Gate,
Ch4: Fault Test (Pin 6)
Figure 6. Pass Simulated Ground Fault Test;
Ch1: SCR Test (Pin 1), Ch2: Phase (Pin 4),
Ch3: SCR Gate, Ch4: Fault Test (Pin 6)
(7)
Notes:
6.
Anode voltage is tested during the positive half cycle (internal latch set when VAC > 85 Vrms).
7.
During the simulated ground fault test, the SCR discharges the pre-biased SCR Test pin.


Similar Part No. - FAN41501

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN41501 ONSEMI-FAN41501 Datasheet
901Kb / 13P
   Ground Fault Interrupter Self-Test Digital Controller
June 2014
FAN41501SX ONSEMI-FAN41501SX Datasheet
901Kb / 13P
   Ground Fault Interrupter Self-Test Digital Controller
June 2014
More results

Similar Description - FAN41501

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN41501 ONSEMI-FAN41501 Datasheet
901Kb / 13P
   Ground Fault Interrupter Self-Test Digital Controller
June 2014
NCS37014 ONSEMI-NCS37014 Datasheet
157Kb / 8P
   Self Test Ground Fault Circuit Interrupter (GFCI)
March, 2020 ??Rev. 2
NCS37012 ONSEMI-NCS37012 Datasheet
137Kb / 9P
   Self Test Ground Fault Circuit Interrupter (GFCI)
May, 2012 ??Rev. P0
NCS37012 ONSEMI-NCS37012_16 Datasheet
101Kb / 9P
   Self Test Ground Fault Circuit Interrupter (GFCI)
May, 2016 ??Rev. 0
NCS37015 ONSEMI-NCS37015 Datasheet
234Kb / 10P
   Self Test Ground Fault Circuit Interrupter (GFCI)
July, 2022 - Rev. 1
NCS37010 ONSEMI-NCS37010_14 Datasheet
193Kb / 12P
   Self Test With Lockout Ground Fault Circuit Interrupter
October, 2014 ??Rev. 1
NCS37010 ONSEMI-NCS37010 Datasheet
182Kb / 12P
   Self Test With Lockout Ground Fault Circuit Interrupter (GFCI)
June, 2013 ??Rev. P2
logo
Texas Instruments
AFE3010 TI1-AFE3010 Datasheet
1Mb / 34P
[Old version datasheet]   AFE3010 Ground Fault Circuit Interrupter (GFCI) With Self-Test and Neutral-Ground Fault Detection
LM1851 TI1-LM1851 Datasheet
208Kb / 10P
[Old version datasheet]   Ground Fault Interrupter
logo
Fairchild Semiconductor
FAN1851A FAIRCHILD-FAN1851A Datasheet
122Kb / 11P
   Ground Fault Interrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com