Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM12-MSM Datasheet(PDF) 6 Page - Schurter Inc.

Part # TM12-MSM
Description  Circuit Breaker for Equipment thermal-magnetically with Metal Actuator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

TM12-MSM Datasheet(HTML) 6 Page - Schurter Inc.

  TM12-MSM Datasheet HTML 1Page - Schurter Inc. TM12-MSM Datasheet HTML 2Page - Schurter Inc. TM12-MSM Datasheet HTML 3Page - Schurter Inc. TM12-MSM Datasheet HTML 4Page - Schurter Inc. TM12-MSM Datasheet HTML 5Page - Schurter Inc. TM12-MSM Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Thermal-magnetic (TM and AS-line)
TM12-MSM
www.schurter.com/PG17_20
Circuit Breakers
Packaging Unit
10 Pcs
- Actuating elements in ESD safe packaging
- Screw nuts and sealing rings in a bag (enclosd in the box)
- Circuit breaker in a bag (enclosed in the box)
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - TM12-MSM

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TM12-MSM SCHURTER-TM12-MSM_V01 Datasheet
560Kb / 7P
   Circuit Breaker for Equipment thermal-magnetically with Metal Actuator
16.09.2021
More results

Similar Description - TM12-MSM

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TM12-MSM SCHURTER-TM12-MSM_V01 Datasheet
560Kb / 7P
   Circuit Breaker for Equipment thermal-magnetically with Metal Actuator
16.09.2021
T12-MSM SCHURTER-T12-MSM_18 Datasheet
574Kb / 7P
   Circuit Breaker for Equipment thermal with Metal Actuator
T12-MSM SCHURTER-T12-MSM Datasheet
532Kb / 6P
   Circuit Breaker for Equipment thermal with Metal Actuator
AS168XDC3 SCHURTER-AS168XDC3 Datasheet
455Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 3 poles
AS168XDC2 SCHURTER-AS168XDC2 Datasheet
453Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 2 poles
AS168XDC1 SCHURTER-AS168XDC1 Datasheet
441Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 1 pole
TA45-3RU SCHURTER-TA45-3RU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with undervoltage
TA45-2RU SCHURTER-TA45-2RU Datasheet
707Kb / 10P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with undervoltage
TA35ROCKER1POLE SCHURTER-TA35ROCKER1POLE Datasheet
506Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
TA45-2R SCHURTER-TA45-2R Datasheet
601Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com