Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3403.0269.23 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 3403.0269.23
Description  Surface Mount Fuse, 5.3 x 16 mm, Time-Lag T, 277 VAC / 250 VDC, Breaking Capacity 1500 A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3403.0269.23 Datasheet(HTML) 3 Page - Schurter Inc.

  3403.0269.23 Datasheet HTML 1Page - Schurter Inc. 3403.0269.23 Datasheet HTML 2Page - Schurter Inc. 3403.0269.23 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Non resettable fuses
UMT-H
www.schurter.com/PG01_2
Fuses
All Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Breaking
Capacity
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.25 In
typ. [mW]
Melting I²t
10.0 Intyp.
[A²s]
Order Number
0.16
277
250
1)
1520
410
0.045
l
l
3403.0266.xx
0.2
277
250
1)
1230
415
0.095
l
l
3403.0267.xx
0.25
277
250
1)
1000
425
0.17
l
l
3403.0268.xx
0.315
277
250
1)
805
435
0.265
l
l
3403.0269.xx
0.4
277
250
1)
715
490
0.33
l
l
3403.0270.xx
0.5
277
250
1)
650
590
0.45
l
l
3403.0271.xx
0.63
277
250
1)
540
595
1.1
l
l
3403.0272.xx
0.8
277
250
1)
460
635
2.1
l
l
3403.0273.xx
1
277
250
1)
405
710
3.44
l
l
3403.0274.xx
1.25
277
250
1)
325
750
3.12
l
l
3403.0275.xx
1.6
277
250
1)
270
785
5.4
l
l
3403.0276.xx
2
277
250
1)
220
795
11.8
l
l
3403.0277.xx
2.5
277
125
2)
210
980
21
l
l
3403.0278.xx
3.15
277
125
2)
190
1060
43
l
l
3403.0279.xx
4
277
125
2)
140
1070
48
l
l
3403.0280.xx
5
277
125
2)
115
1080
99
l
l
3403.0281.xx
6.3
277
125
2)
100
1160
165
l
l
3403.0282.xx
8
250
125
3)
75
1220
125
l
l
3403.0283.xx
10
250
125
3)
73
1320
198
l
l
3403.0284.xx
12.5
250
125
4)
72
1395
344
l
l
3403.0285.xx
16
250
125
5)
70
1050
640
l
l
3403.0286.xx
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
1) UL = 1500 A @ 277 VAC, resistive / 1500 A @ 250 VDC
1) IEC = 1500 A @ 250 VAC, resistive / 1500 A @ 250 VDC
2) UL = 1500 A @ 277 VAC, resistive / 1500 A @ 125 VDC
2) IEC = 1500 A @ 250 VAC, resistive / 1500 A @ 125 VDC
3) UL = 1500 A @ 250 VAC, resistive / 1500 A @ 125 VDC
3) IEC = 1500 A @ 250 VAC, resistive / 1500 A @ 125 VDC
4) UL = 1000 A @ 250 VAC, resistive / 1000 A @ 125 VDC
4) IEC = 1000 A @ 250 VAC, resistive / 1000 A @ 125 VDC
5) UL = 500 A @ 250 VAC, resistive / 500 A @ 125 VDC
5) IEC = 500 A @ 250 VAC, resistive / 500 A @ 125 VDC
Packaging Unit
.xx = .11 Plastic Bag (100 pcs.)
.xx = .23 Blister Tape 33 cm Reel (1500 pcs.)
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 3403.0269.23

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3403.0269.23 SCHURTER-3403.0269.23 Datasheet
408Kb / 4P
   Surface Mount Fuse, 5.3 x 16 mm, Time-Lag T, 277 VAC / 250 VDC, Breaking Capacity 1500 A
More results

Similar Description - 3403.0269.23

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
UMT-H SCHURTER-UMT-H_V02 Datasheet
498Kb / 5P
   Surface Mount Fuse, 5.3 x 16 mm, Time-Lag T, 277 VAC / 250 VDC, Breaking Capacity 1500 A
04.01.2022
UMT-H SCHURTER-UMT-H_18 Datasheet
474Kb / 5P
   Surface Mount Fuse, 5.3 x 16 mm, Time-Lag T, 277 VAC / 250 VDC, Breaking Capacity 1500 A
UMT-H SCHURTER-UMT-H_16 Datasheet
408Kb / 4P
   Surface Mount Fuse, 5.3 x 16 mm, Time-Lag T, 277 VAC / 250 VDC, Breaking Capacity 1500 A
OMT SCHURTER-OMT_18 Datasheet
273Kb / 4P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
UMT SCHURTER-UMT Datasheet
546Kb / 3P
   Surface Mount Fuse, 10.1 x 3 mm, Time-Lag T, 250 VAC, 125 VDC
OMT SCHURTER-OMT_V01 Datasheet
284Kb / 4P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
UMT250 SCHURTER-UMT250_V02 Datasheet
487Kb / 5P
   Surface Mount Fuse, 3 x 10.1 mm, Time-Lag T, 250 VAC, 125 VDC
04.01.2022
OMT SCHURTER-OMT_16 Datasheet
244Kb / 3P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
UMT250 SCHURTER-UMT250 Datasheet
350Kb / 3P
   Surface Mount Fuse, 3 x 10.1 mm, Time-Lag T, 250 VAC, 125 VDC
OMT SCHURTER-OMT_V02 Datasheet
284Kb / 4P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com